Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7165 Datasheet HTML 4Page - Diodes Incorporated AP7165 Datasheet HTML 5Page - Diodes Incorporated AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated AP7165 Datasheet HTML 10Page - Diodes Incorporated AP7165 Datasheet HTML 11Page - Diodes Incorporated AP7165 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165
Document number: DS31270 Rev. 6 - 2
8 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
Short Circuit Current vs. Input Voltage
350
360
370
380
390
400
410
420
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Input Voltage (V)
Short Circuit Current vs. Tem perature
300
350
400
450
500
-50
-25
0
25
50
75
Tem perature (oC)
Current Limit Protection (VOUT=1.8V)
Time (50us/div)
Current Limit & Short Circuit Protection
(VOUT=0.8V)
Time (500us/div)
Short Circuit Protection (VOUT=1.8V)
Time (2ms/div)
Short Circuit Recovery (VOUT=1.8V)
Time (50us/div)
VOUT=1.2V
VOUT=1.2V
VOUT
500mV/div
IOUT
500mA/div
Current Limit Protection
Short Circuit Protection
VOUT
500mV/div
IOUT
500mA/div
VOUT
500mV/div
IOUT
500mA/div
VOUT
500mV/div
IOUT
1A/div
Current Limit Protection
Short Circuit Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com