Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated AP7165 Datasheet HTML 10Page - Diodes Incorporated AP7165 Datasheet HTML 11Page - Diodes Incorporated AP7165 Datasheet HTML 12Page - Diodes Incorporated AP7165 Datasheet HTML 13Page - Diodes Incorporated AP7165 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165
Document number: DS31252 Rev. 6 - 2
12 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Package Outline Dimensions (Continued)
(1) Package Type: DFN3030-10
Bottom View
Side View
0.10 C
0.08 C
Seating Plane
C
2.9/3.1
2.3/2.5
0.50Typ.
(Pin #1 ID)
A
B
0.10
CA B
2X-
0.25 B
TOP MARK
0.50Typ.
Land Pattern Recommendation
(Unit:mm)
10x-0.30
2.60
R0
.30
0.20/0.30
Top View
0.375Typ.
(2) Package Type: SOP-8L-EP
1.27typ
0.3/0.5
7°~9°
4.85/4.95
0.15/0.25
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
45°
Detail "A"
Detail "A"
Bottom View
3.3Ref.
Exposed pad
8x-0.60
Land Pattem Recommendation
(Unit:mm)
Exposed pad
1
1
1
6x-1.27
Notes:
7. All dimensions are in millimeters. Angles are in degrees.
8. Coplanarity applies to the exposed heat sink slug as well as the terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com