Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7165 Datasheet HTML 1Page - Diodes Incorporated AP7165 Datasheet HTML 2Page - Diodes Incorporated AP7165 Datasheet HTML 3Page - Diodes Incorporated AP7165 Datasheet HTML 4Page - Diodes Incorporated AP7165 Datasheet HTML 5Page - Diodes Incorporated AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165
Document number: DS31270 Rev. 6 - 2
1 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Description
The AP7165 is a 600mA, adjustable output voltage, ultra-low
dropout linear regulator. The device includes pass element,
error amplifier, band-gap reference, current limit and thermal
shutdown circuitry. The device is turned on when EN pin is
set to logic high level. A Power-OK (POK) output is available
for power sequence control.
The characteristics of the low dropout voltage and low
quiescent current make it suitable for low to medium power
applications, for example, laptop computers, audio and video
applications, and battery powered devices. The typical
quiescent current is approximately 125µA.
Built-in current-limit and thermal-shutdown functions prevent
IC from damage in fault conditions. The AP7165 are available
in DFN3030-10 and SOP-8L-EP packages.
Features
•
Wide input voltage range: 2.2V – 5.5V
•
300mV very low dropout at 500mA load
•
Very low quiescent current (IQ): 125µA typical
•
Adjustable output voltage range: 0.8V to 5.0V
•
Very fast transient response
•
High PSRR
•
Accurate voltage regulation
•
Current limiting and short circuit protection
•
Thermal shutdown protection
•
Stable with any type output capacitor
≥ 4.7µF
•
Ambient temperature range -40ºC to 85°C
•
DFN3030-10 and SOP-8L-EP: Available in “Green”
Molding Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
Pin Assignments
( Top View )
FB
EN
IN
GND
OUT
POK
1
2
5
NC
IN
3
4
6
8
7
10
9
NC
OUT
DFN3030-10
FB
POK
EN
IN
OUT
GND
OUT
( Top View )
1
2
3
4
8
7
6
5
IN
SOP-8L-EP
Applications
•
Servers and laptops
•
Smart phone and PDA
•
MP3/MP4
•
Bluetooth headset
•
Low and medium power applications
•
FPGA and DSP core or I/O power
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP7165

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FN DIODES-AP7165-FN Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
More results

Similar Description - AP7165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN105125 TI-SN105125 Datasheet
201Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
600mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7167 DIODES-AP7167 Datasheet
251Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7167 Rev. 2
AP7168 DIODES-AP7168 Datasheet
252Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
AP7168 Rev. 1
AP7168 DIODES-AP7168_10 Datasheet
467Kb / 11P
1.2A LOW DROPOUT REGULATOR WITH POK
DS32019 Rev. 2 - 2
AP7167 DIODES-AP7167_10 Datasheet
494Kb / 14P
1.2A LOW DROPOUT REGULATOR WITH POK
DS31252 Rev. 7 - 2
logo
Texas Instruments
TPPM0125 TI1-TPPM0125 Datasheet
211Kb / 13P
150-mA LOW DROPOUT REGULATOR WITH POK
SN105125 TI1-SN105125_12 Datasheet
533Kb / 15P
150-mA LOW DROPOUT REGULATOR WITH POK
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_14 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com