Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7165 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7165
Description  600mA LOW DROPOUT REGULATOR WITH POK
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7165 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7165 Datasheet HTML 6Page - Diodes Incorporated AP7165 Datasheet HTML 7Page - Diodes Incorporated AP7165 Datasheet HTML 8Page - Diodes Incorporated AP7165 Datasheet HTML 9Page - Diodes Incorporated AP7165 Datasheet HTML 10Page - Diodes Incorporated AP7165 Datasheet HTML 11Page - Diodes Incorporated AP7165 Datasheet HTML 12Page - Diodes Incorporated AP7165 Datasheet HTML 13Page - Diodes Incorporated AP7165 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP7165
600mA LOW DROPOUT REGULATOR WITH POK
AP7165
Document number: DS31252 Rev. 6 - 2
10 of 14
www.diodes.com
September 2010
© Diodes Incorporated
Application Notes (Continued)
Low Quiescent Current
The AP7165, consuming only around 125µA for all input
range and output loading, provides great power saving in
portable and low power applications.
Wide Output Range
The AP7165, with a wide output range of 0.8V to 5.0V,
provides a versatile solution for many portable and low
power applications.
Thermal Shutdown Protection
Thermal protection disables the output when the junction
temperature rises to approximately +150°C, allowing the
device to cool down. When the junction temperature
reduces to approximately +125°C the output circuitry is
enabled again. Depending on power dissipation, thermal
resistance,
and
ambient
temperature,
the
thermal
protection circuit may cycle on and off. This cycling limits
the heat dissipation of the regulator, protecting it from
damage due to overheating.
Power Dissipation
The device power dissipation and proper sizing of the
thermal plane that is connected to the thermal pad is
critical to avoid thermal shutdown and ensuring reliable
operation. Power dissipation of the device depends on
input voltage and load conditions and can be calculated
by:
OUT
OUT
IN
D
xI
)
V
V
(
P
−
=
The AP7165 is available in the DFN3030-10 and SOP-8L-
EP packages, both with exposed pad, which is the primary
conduction path for heat to the printed circuit board (PCB).
The pad can be connected to ground or be left floating;
however, to ensure the device will not overheat, it should
be attached to an appropriate amount of copper PCB area.
However, the maximum power dissipation that can be
handled by the device depends on the maximum junction
to
ambient
thermal
resistance,
maximum
ambient
temperature, and maximum device junction temperature,
which can be approximated by the equation below:
JA
A
A
D
R
)
T
C
145
(
)
T
(max@
P
θ
−
°
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com