Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7173 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7173 Datasheet HTML 1Page - Diodes Incorporated AP7173 Datasheet HTML 2Page - Diodes Incorporated AP7173 Datasheet HTML 3Page - Diodes Incorporated AP7173 Datasheet HTML 4Page - Diodes Incorporated AP7173 Datasheet HTML 5Page - Diodes Incorporated AP7173 Datasheet HTML 6Page - Diodes Incorporated AP7173 Datasheet HTML 7Page - Diodes Incorporated AP7173 Datasheet HTML 8Page - Diodes Incorporated AP7173 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 7
5 of 16
OCTOBER 2009
DS31369
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
(Note 5)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
4000
V
ESD MM
Machine Model ESD Protection
350
V
VIN, VVCC
Input Voltage Range
-0.3 to +6
V
VEN
Enable Voltage Range
-0.3 to +6
V
VPG
Power-Good Voltage Range
-0.3 to +6
V
VSS
Soft-Start Voltage Range
-0.3 to +6
V
VFB
Feedback Voltage Range
-0.3 to +6
V
VOUT
Output Voltage Range
-0.3 to VIN +0.3
V
IOUT
Maximum Output Current
Internally Limited
TJ
Junction Temperature Range
-40 to +150
ºC
TST
Storage Junction Temperature Range
-65 to +150
ºC
Notes:
5. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods
may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage (Note 6)
1.0
5.5
V
VVCC
Bias Voltage
2.7
5.5
V
IOUT
Output Current
0
1.5
A
TA
Operating Ambient Temperature
-40
85
ºC
Notes:
6. At VIN =1V, the maximum load currents may be lower than 1.5A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com