Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7173 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP7173 Datasheet HTML 8Page - Diodes Incorporated AP7173 Datasheet HTML 9Page - Diodes Incorporated AP7173 Datasheet HTML 10Page - Diodes Incorporated AP7173 Datasheet HTML 11Page - Diodes Incorporated AP7173 Datasheet HTML 12Page - Diodes Incorporated AP7173 Datasheet HTML 13Page - Diodes Incorporated AP7173 Datasheet HTML 14Page - Diodes Incorporated AP7173 Datasheet HTML 15Page - Diodes Incorporated AP7173 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 7
14 of 16
OCTOBER 2009
DS31369
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) Package Type: DFN3030-10
Bottom View
Side View
0.10 C
0.08 C
Seating Plane
C
2.9/3.1
2.3/2.5
0.50Typ.
0.2/0.3
(Pin #1 ID)
A
B
0.10
C AB
2X-
0.25 B
R0.3
00
0.375Typ.
TOP MARK
(2) Package Type: SOP-8L-EP
1.27typ
0.3/0.5
7°~9°
4.85/4.95
0.15/0.25
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
45°
Detail "A"
Detail "A"
Bottom View
3.3Ref.
Exposed pad
8x-0.60
Land Pattem Recommendation
(Unit:mm)
Exposed pad
1
1
1
6x-1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com