Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7173 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7173 Datasheet HTML 6Page - Diodes Incorporated AP7173 Datasheet HTML 7Page - Diodes Incorporated AP7173 Datasheet HTML 8Page - Diodes Incorporated AP7173 Datasheet HTML 9Page - Diodes Incorporated AP7173 Datasheet HTML 10Page - Diodes Incorporated AP7173 Datasheet HTML 11Page - Diodes Incorporated AP7173 Datasheet HTML 12Page - Diodes Incorporated AP7173 Datasheet HTML 13Page - Diodes Incorporated AP7173 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 7
10 of 16
OCTOBER 2009
DS31369
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
At TA = +25℃, VIN = VOUT(TYP) + 0.3V, VVCC = 5V, IOUT = 50mA, VEN = VIN, CIN = 1µF, CVCC = 4.7µF, and COUT = 10µF, unless otherwise noted.
QUIESCENT CURRENT vs. IOUT
QUIESCENT CURRENT vs. VVCC
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
Iout(A)
Vout=1.2V
pg
Vin=1.8V
Vin=2.5V
2.50
2.75
3.00
3.25
3.50
0.50
0.75
1.00
1.25
1.50
Vvcc(V)
Vin=1.8V
Vout=1.2V
Io=0A
Io=0.5A
Io=1.5A
Figure 21
Figure 22
QUIESCENT CURRENT vs. TEMPERATURE
CURRENT LIMIT vs. (VVCC – VOUT)
-50
-25
0
25
50
75
100
125
0.50
0.75
1.00
1.25
1.50
Temperature(
oC)
Vin=1.8V
Vout=1.2V
Vvcc=3.3V
Vvcc=5V
1.01.52.02.5
3.03.5
4.0
4.5
5.0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Vvcc-Vout(V)
-40
oC
25
oC
125
oC
Figure 23
Figure 24
SOFT-START CHARGING
CURRENT (I SS) vs. TEMPERATURE
POWER-UP/POWER-DOWN
-50
-25
0
25
50
75
100
125
300
325
350
375
400
425
450
475
500
Temperature(
oC)
Figure 25
Figure 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com