Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7173 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7173
Description  1.5A LOW DROPOUT LINEAR REGULATOR WITH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7173 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7173 Datasheet HTML 3Page - Diodes Incorporated AP7173 Datasheet HTML 4Page - Diodes Incorporated AP7173 Datasheet HTML 5Page - Diodes Incorporated AP7173 Datasheet HTML 6Page - Diodes Incorporated AP7173 Datasheet HTML 7Page - Diodes Incorporated AP7173 Datasheet HTML 8Page - Diodes Incorporated AP7173 Datasheet HTML 9Page - Diodes Incorporated AP7173 Datasheet HTML 10Page - Diodes Incorporated AP7173 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP7173
1.5A LOW DROPOUT LINEAR REGULATOR WITH
PROGRAMMABLE SOFT-START
AP7173 Rev. 7
7 of 16
OCTOBER 2009
DS31369
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
At TA = +25℃, VIN = VOUT(TYP) + 0.3V, VVCC = 5V, IOUT = 50mA, VEN = VIN, CIN = 1µF, CVCC = 4.7µF, and COUT = 10µF, unless otherwise noted.
VIN LINE REGULATION
VVCC LINE REGULATION
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
Vin-Vout(V)
-40
oC
25
oC
125
oC
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
Vvcc-Vout(V)
-40
oC
25
oC
125
oC
Figure 3
Figure 4
LOAD REGULATION
LOAD REGULATION
50
200
350
500
650
800
950
1100
1250
1400
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Iout(mA)
1500
-40
oC
25
oC
125
oC
Figure 5
Figure 6
VIN DROPOUT VOLTAGE vs.
VIN DROPOUT VOLTAGE vs.
IOUT AND TEMPERATURE(TA)
(VVCC-VOUT) AND TEMPERATURE(TA)
0.00.10.20.30.40.50.60.7 0.80.91.01.11.21.31.41.5
0
20
40
60
80
100
120
140
160
180
200
220
240
-40
oC
25
oC
125
oC
Iout(mA)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Vvcc-Vout(V)
Iout=1.5A
-40
oC
25
oC
125
oC
Figure 7
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com