Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217C Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7217C
Description  1.25V 600mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217C Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7217C Datasheet HTML 1Page - Diodes Incorporated AP7217C Datasheet HTML 2Page - Diodes Incorporated AP7217C Datasheet HTML 3Page - Diodes Incorporated AP7217C Datasheet HTML 4Page - Diodes Incorporated AP7217C Datasheet HTML 5Page - Diodes Incorporated AP7217C Datasheet HTML 6Page - Diodes Incorporated AP7217C Datasheet HTML 7Page - Diodes Incorporated AP7217C Datasheet HTML 8Page - Diodes Incorporated AP7217C Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP7217C
1.25V 600mA CMOS LDO
AP7217C Rev. 3
5 of 9
OCTOBER 2009
DS31424
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Output Current vs. Dropout Voltage
(Vout=1.25V)
0
500
1000
1500
2000
2500
100mA
200mA
300mA
400mA
500mA
600mA
Output Current
Input Voltage vs. Max Iout
(Vout=1.25V)
0
100
200
300
400
500
600
700
800
2.5V
3V
4V
5V
5.5V
Input Voltage
Quiescent Current vs Input Voltage
25
30
35
40
45
50
55
2.5V
3V
4V
5V
5.5V
Input Voltage
Quiescent Current vs. Tem perature
25
30
35
40
45
50
55
-40℃
0℃
25℃
85℃
100℃
120℃
Tem perature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com