Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7217C
Description  1.25V 600mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217C Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7217C Datasheet HTML 1Page - Diodes Incorporated AP7217C Datasheet HTML 2Page - Diodes Incorporated AP7217C Datasheet HTML 3Page - Diodes Incorporated AP7217C Datasheet HTML 4Page - Diodes Incorporated AP7217C Datasheet HTML 5Page - Diodes Incorporated AP7217C Datasheet HTML 6Page - Diodes Incorporated AP7217C Datasheet HTML 7Page - Diodes Incorporated AP7217C Datasheet HTML 8Page - Diodes Incorporated AP7217C Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP7217C
1.25V 600mA CMOS LDO
AP7217C Rev. 3
4 of 9
OCTOBER 2009
DS31424
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25°C, CIN= 1µF, COUT= 1µF, VEN= VIN, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IQ
Quiescent Current
IO = 0mA
-
40
60
µA
ISTB
Standby Current
VEN = Off
VIN = 5.0V
2
5
µA
Output Voltage
Accuracy
IO = 30mA, VIN = 5V
1.225
1.25
1.275
V
VOUT
VOUT Temperature
Coefficient
-40
°C to 85°C, I
OUT = 30mA
±100
ppm /
oC
IOUT = 100mA, VOUT = 1.25V
1250
VDROPOUT
Dropout Voltage
IOUT = 600mA, VOUT = 1.25V
2000
mV
IOUT
Maximum Output
Current
VIN = 5.3V
600
mA
ILIMIT
Current Limit
VIN = 5.3V
750
mA
ISHORT
Short Circuit Current VIN = 5.3V
70
mA
∆V
LINE/∆VIN/VOUT Line Regulation
4.3V
≤ V
IN ≤ 5.5V; IOUT = 30mA
0.01
±0.2
%/V
∆V
OUT
Load Regulation
1mA
≤ I
OUT ≤ 100mA, VIN = 5.3V
10
20
mV
PSRR
Power Supply
Rejection
VIN = 4.3V+ 0.5Vp-pAC,
IOUT = 50mA
F = 1KHz
55
dB
VEH
Output ON
1.6
V
VEL
EN Input Threshold
Output OFF
0.25
V
IEN
Enable Pin Current
-0.1
0.1
µA
θ
JA
Thermal Resistance
Junction-to-Ambient
SOP-8L-EP (Note 3)
82
ºC/W
θ
JC
Thermal Resistance
Junction-to-Case
SOP-8L-EP (Note 3)
12
ºC/W
Notes:
3. Test condition for SOP-8L-EP: Device mounted on 2oz copper, minimum recommended pad layout on top & bottom layer with thermal vias,
double sided FR-4 PCB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com