Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7217C
Description  1.25V 600mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217C Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7217C Datasheet HTML 1Page - Diodes Incorporated AP7217C Datasheet HTML 2Page - Diodes Incorporated AP7217C Datasheet HTML 3Page - Diodes Incorporated AP7217C Datasheet HTML 4Page - Diodes Incorporated AP7217C Datasheet HTML 5Page - Diodes Incorporated AP7217C Datasheet HTML 6Page - Diodes Incorporated AP7217C Datasheet HTML 7Page - Diodes Incorporated AP7217C Datasheet HTML 8Page - Diodes Incorporated AP7217C Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP7217C
1.25V 600mA CMOS LDO
AP7217C Rev. 3
2 of 9
OCTOBER 2009
DS31424
www.diodes.com
© Diodes Incorporated
AP 7217C - 13 SP G - 13
SP : SOP-8L-EP
Output voltage
Package
Packing
Green
G : Green
13 : Tape & Reel
13 : 1.25V
13” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AP7217C-13SPG-13
SP
SOP-8L-EP
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Pin Assignments
(1) SOP-8L-EP
1
2
3
4
6
5
EN
VOUT
GND
VIN
GND
GND
8
7
( Top View )
GND
GND
SOP-8L-EP
Pin Descriptions
Pin Name
Pin No.
Description
GND
1, 3, 5, 6, 7
Ground
VOUT
2
Voltage Output
VIN
4
Supply Voltage
EN
8
High Enable
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com