Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7217C Datasheet (PDF) - Diodes Incorporated

AP7217C Datasheet PDF - Diodes Incorporated
Part # AP7217C
Download  AP7217C Download
File Size   164.57 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.25V 600mA CMOS LDO

AP7217C Datasheet (PDF)

Go To PDF Page Download Datasheet
AP7217C Datasheet PDF - Diodes Incorporated

Part # AP7217C
Download  AP7217C Click to download

File Size   164.57 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.25V 600mA CMOS LDO

AP7217C Datasheet (HTML) - Diodes Incorporated


AP7217C Product details

General Description
The AP7217C low-dropout linear regulator operates from a 2.5V to 5.5V supply and delivers a guaranteed 600mA (min) continuous load current.
The space-saving SOP-8L-EP package is suitable for “pocket” and hand-held applications.

Features
• Very Low Dropout Voltage
• Low Current Consumption: Typ. 40µA
• Output Voltage: 1.25V
• Guaranteed 600mA (min) Output
• Input Range up to 5.5V
• Current Limiting
• Stability with Low ESR Capacitors
• Thermal shutdown Protection
• Low Temperature Coefficient
• SOP-8L-EP: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• CD and MP3 Players
• Cellular and PCS Phones
• Digital Still Camera
• Hand-Held Computers




Similar Part No. - AP7217C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217 DIODES-AP7217 Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
AP7217 DIODES-AP7217 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-U DIODES-AP7217-33SG-U Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
More results


Similar Description - AP7217C

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8861 AME-AME8861 Datasheet
148Kb / 9P
600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
600mA CMOS LDO
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
600mA CMOS LDO
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com