Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA9231M Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA9231M
Description  Analog Signal Processor ASP for CD players
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9231M Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA9231M Datasheet HTML 4Page - Sanyo Semicon Device LA9231M Datasheet HTML 5Page - Sanyo Semicon Device LA9231M Datasheet HTML 6Page - Sanyo Semicon Device LA9231M Datasheet HTML 7Page - Sanyo Semicon Device LA9231M Datasheet HTML 8Page - Sanyo Semicon Device LA9231M Datasheet HTML 9Page - Sanyo Semicon Device LA9231M Datasheet HTML 10Page - Sanyo Semicon Device LA9231M Datasheet HTML 11Page - Sanyo Semicon Device LA9231M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Description of Operation
1.
APC (auto laser power control)
This circuit controls the pickup laser power. The laser is turned on and off by commands from the microprocessor.
2.
RF amplifier (eye pattern output)
The pickup photodiode output current (A + C) is input to FIN2 (pin 1), and (B + D) is input to FIN1 (pin 2). The current that
is input is converted to the voltage, passes through the AGC circuit, and is then output from the RFSM amplifier output
RFSM (pin41). The internal AGC circuit has a variable range of ±3 dB, and the time constant can be changed through the
external capacitor connected to PH1 (pin 60). In addition, this circuit also controls the bottom level of the EFM signal
(RFSM output), and the response can be changed through the external capacitor connected to BH1 (pin 61). The center gain
setting for the AGC variable range is set by the resistance between RFSM (pin 41) and RFS
− (pin 42); if necessary, this
resistance is also used for 3T compensation for the EFM signal.
3.
SLC (slice level control)
The SLC sets the duty ratio for the EFM signal that is input to the DSP to 50%. The DC level is determined by integrating
the EFMO signal output from the DSP to determine the duty factor.
4.
Focus servo
The focus error signal is derived by detecting the difference between (A + C) and (B + D), which is (B + D) − (A + C), and
is then output from FE (pin 20). The focus error signal gain is set by the resistance between FE (pin 20) and FE
− (pin 21).
The FA amplifier is the pickup phase compensation amplifier, and the equalizer curve is set by the external capacitor and
resistance. Furthermore, this amplifier has a mute function which is applied when VCC is turned on, when the F-SERVO OFF
command is sent, and during F-SEARCH. In order to turn the focus servo on, send either the LASER ON command or the
F-SERVO ON command.
The FD amplifier has a phase compensation circuit, a focus search signal composition function, and an offset cancellation
function. Focus search is initiated by the F-SEARCH command, and a ramp waveform is generated by the internal clock.
This waveform is used for focus detection (focus zero cross) with the focus error signal and then turn the focus servo on. The
ramp waveform amplitude is set by the resistance between FD (pin 16) and FD
− (pin 17). Offset cancellation cancels the IC
offset; adjustment is started by the FOCUS-OFFSET ADJUST START command, and is completed in about 250 ms.
To cancel even the offset for the IV amplifier, etc., it is necessary to send the F-SERVO ON (LASER OFF) command. The
FOCUS-OFFSET ADJUST OFF command is used to return to the state prior to offset cancellation.
For the LA9231M, FCS (pin 46) is for smoothing the focus search ramp waveforms, and a capacitor is connected between
FSC and VR.
5.
Tracking servo
The pickup photodiode output current is input to E (pin 3) and F (pin 4). The current that is input is converted to the voltage,
passes through the balance adjustment VCA circuit and then the VCA circuit that follows the gain in the RFAGC circuit, and
is then output from TE (pin 7). The tracking error gain is set by the resistance between TE
− (pin6) and TE (pin7).
The TA output (pin 11) has a built-in resistance to allow configuration of a low-pass filter.
The TH amplifier alters the servo response characteristics according to the THLD signal, etc., generated internally after
detection of the TGL signal from the DSP or the JP signal. When a defect is detected, the THLD mode goes into effect
internally. To avoid this, short DEF (pin 49) to L = GND. By inserting an external bandpass filter to remove the shock
component from the tracking error signal at SCI (pin 9), the gain is automatically boosted when a defect is detected.
The TD amplifier performs servo loop phase compensation; the characteristics are set by external CR. Furthermore, this
amplifier has a mute function, which is applied when VCC is turned on or the TRACK-SERVO OFF command is issued. The
muting function is released by the TRACK-SERVO ON command.
The TOFF amplifier that is positioned immediately after TD (pin 13) functions to turn off the servo in response to the TOFF
signal from the DSP.
The TO amplifier has a JP pulse composition function and a tracking offset cancellation function. The JP pulse is set by JP
(pin 14). (THLD detection is performed internally.) Offset cancellation is completed in about 30 ms. The TRACK-SERVO
ON command and setting the TOFF pin (pin 35) low are required for offset cancellation.
Note:
The LC78620E TOFF ON/OFF command is valid only when disc motor control is in CLV mode. Accordingly, tracking offset
is cancelled in normal CLV mode. Note that when performed in STOP mode, external control of the TOFF pin is required.
6.
Sled servo
The response characteristics are set by SLEQ (pin 28). The amplifier positioned after SLEQ (pin 28) has a mute function that
is applied either when SLOF (pin 38) goes high or the SLED OFF command is issued. The sled is moved by inputting
current to SL
− (pin 30) and SL+ (pin 31); specifically, the pins are connected to the microprocessor output ports via resistors,
and the movement gain is set by the resistance value of that resistor. It is important to note that if there is a deviation in the
resistance values for SL
− (pin 30) and SL+ (pin 31), an offset will arise in the SLD output.
7.
Spindle servo
The Configures this servo circuit, which maintains the linear velocity of the disc at a constant speed, along with the DSP.
This circuit accepts signals from the DSP through CV
− (pin 39) and CV+ (pin 40) and sets the equalizer characteristics
through SP (pin 23), SP
− (pin 36), and SPD (pin 27), which are output to SPD (pin 27). The 12-cm mode amplifier gain is
set by the resistor connected between SPG (pin 25) and the reference voltage. In 8-cm mode, this amplifier serves as an
internal buffer, and SPG (pin 25) is ignored. Note that the gain setting is made for 8-cm mode first, and then 12-cm mode. If
SPG (pin 25) is left open, the gain is forcibly set for 8-cm mode, regardless of whether 8-cm or 12-cm mode is in effect.
LA9230M/9231M
No.5189 - 8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com