Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA9231M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA9231M
Description  Analog Signal Processor ASP for CD players
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9231M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA9231M Datasheet HTML 6Page - Sanyo Semicon Device LA9231M Datasheet HTML 7Page - Sanyo Semicon Device LA9231M Datasheet HTML 8Page - Sanyo Semicon Device LA9231M Datasheet HTML 9Page - Sanyo Semicon Device LA9231M Datasheet HTML 10Page - Sanyo Semicon Device LA9231M Datasheet HTML 11Page - Sanyo Semicon Device LA9231M Datasheet HTML 12Page - Sanyo Semicon Device LA9231M Datasheet HTML 13Page - Sanyo Semicon Device LA9231M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
11. DEFECT
The mirrored surface level is maintained by the capacitor for LF2 (pin 59); when a drop in the EFM signal (RFSM output)
reaches 0.35 V or more, a high signal is output to DEF (pin 49). If DEF (pin 49) goes high, the tracking servo enters THLD
mode. In order to prevent the tracking servo from entering THLD mode when a defect is detected, prevent DEFECT from
being output by either shorting DEF (pin 49) to GND, or shorting LF2 (pin 59) to GND. The DEFECT output is driven by
constant current (approximately 100 µA).
12. Microprocessor interface
Because the Reset (Nothing) command initializes the LA9230M and the LA9231M, it must be used carefully.
The LA9230M/LA9231M command acceptance (mode switching) timing is defined by the internal clock (4.23 MHz divided
to 130 kHz) after the falling edge of CE (RWC); therefore, when commands are sent consecutively, CE must go low for at
least 10 µsec. / The 4.23 MHz clock is required for that reason. 2BYTE-COMMAND DETECT and 2BYTE-COMMAND
RESET are used only for the purpose of masking two-byte data.
All instructions can be input by setting CE high and sending commands synchronized with the CL clock from the
microprocessor to DAT (pin 52) in LSB first format. Note that the command is executed at the falling edge of CE.
13. Reset circuit
The power-on reset is released when VCC exceeds approximately 2.8 V.
14. Pattern design notes
To prevent signal jump-in from CV
+ (pin 40) to RFSM (pin 41), a shielding line is necessary in between.
15. VCC /REF/GND/NC
VCC1 (pin 64)
: RF system
VCC2 (pin 56)
: SERVO system, DIGITAL system
AGND (pin 22)
: RF system, SERVO system
DGND (pin 45)
: DIGITAL system
NC (pins 46*, 47, 48, and 55)
: No connection
*Only for LA9230M
EFM signal
(RFSM output)
LF2 (pin 59)
DEF (pin 49)
Timing
*The DSP pin names are shown in parentheses.
LA9230M/9231M
No.5189 - 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com