Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA9231M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA9231M
Description  Analog Signal Processor ASP for CD players
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9231M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA9231M Datasheet HTML 1Page - Sanyo Semicon Device LA9231M Datasheet HTML 2Page - Sanyo Semicon Device LA9231M Datasheet HTML 3Page - Sanyo Semicon Device LA9231M Datasheet HTML 4Page - Sanyo Semicon Device LA9231M Datasheet HTML 5Page - Sanyo Semicon Device LA9231M Datasheet HTML 6Page - Sanyo Semicon Device LA9231M Datasheet HTML 7Page - Sanyo Semicon Device LA9231M Datasheet HTML 8Page - Sanyo Semicon Device LA9231M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Analog Signal Processor (ASP)
for CD players
Overview
The LA9230M and LA9231M are analog signal processing and
servo control bipolar ICs designed for use in compact disc
players; a compact disc player can be configured by combining
these ICs, a CD-DSP such as the LC78620E, and a small
number of additional components. The differences between the
LA9230M and the LA9231M are that the LA9231M: (1) has a
focus search time that is four times faster; (2) has an additional
capacitor pin for focus search smoothing; (3) and can disable
output of the track-kick signal during EF balance adjustment.
Functions
I/V amplifier, RF amplifier (with AGC), SLC, APC, FE, TE
(with VCA and auto-balance function), focus servo amplifier
(with offset cancellation function), tracking servo amplifier
(with offset cancellation function), spindle servo amplifier
(with gain switching function), sled servo amplifier (with off
function), focus detection (DRF, FZD), track detection (HFL,
TES), defect detection, and shock detection.
Features
The following automatic adjustment functions are built in.
.
Focus offset auto cancel
.
Tracking offset auto cancel
.
EF balance auto adjustment
.
RF level AGC function
.
Tracking servo gain RF level following function
Package Dimensions
unit : mm
3159-QIP64E
[LA9230M/9231M]
SANYO : QIP64E
Specifications
Maximum Ratings at Ta=25 °C, Pins 22, 45 = GND
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
Vsup max
Pin 56, 64
7
V
Allowable power dissipation
Pd max
350
mW
Operating temperature
Topr
–25 to +75
°C
Storage temperature
Tstg
–40 to +150
°C
Ordering number: EN 5189
Monolithic Linear IC
LA9230M/9231M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
92595HA(II) No.5189-1/20


Similar Part No. - LA9231M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9233 SANYO-LA9233 Datasheet
397Kb / 20P
Analog Signal Processor ASP for CD players?
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
Analog Signal Processor ASP for CD players?
More results

Similar Description - LA9231M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
Analog Signal Processor for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
Analog Signal Processing Circuit (ASP) for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
Analog Signal Processor ASP for CD players?
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
Analog Signal Processor (ASP) for CD players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
Analog Signal Processor ASP for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
Analog Signal Processor ASP for CD Players
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
CD Player Analog Signal Processor (ASP)
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
CD Player Analog Signal Processor (ASP)
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
ASP (Analog Signal Processor) for CD Players
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com