Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA9231M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA9231M
Description  Analog Signal Processor ASP for CD players
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9231M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA9231M Datasheet HTML 1Page - Sanyo Semicon Device LA9231M Datasheet HTML 2Page - Sanyo Semicon Device LA9231M Datasheet HTML 3Page - Sanyo Semicon Device LA9231M Datasheet HTML 4Page - Sanyo Semicon Device LA9231M Datasheet HTML 5Page - Sanyo Semicon Device LA9231M Datasheet HTML 6Page - Sanyo Semicon Device LA9231M Datasheet HTML 7Page - Sanyo Semicon Device LA9231M Datasheet HTML 8Page - Sanyo Semicon Device LA9231M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Continued from preceding page.
Pin
No.
Symbol
Contents
52
DAT
Microprocessor command data input pin.
53
CE
Microprocessor command chip enable input pin.
54
DRF
RF level detection output (Detect RF).
55
NC
No connection
56
VCC2
Servo system and digital system VCC pin.
57
REF1
By-pass capacitor connection pin for reference voltage.
58
VR
Reference voltage output pin.
59
LF2
Disc defect detection time constant setting pin.
60
PH1
RF signal peak hold capacitor connection pin.
61
BH1
RF signal bottom hold capacitor connection pin.
62
LDD
APC circuit output pin.
63
LDS
APC circuit input pin.
64
VCC1
RF system VCC pin.
LA9230M/9231M
No.5189 - 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com