Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6623 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6623 Datasheet HTML 9Page - ATMEL Corporation ATA6623 Datasheet HTML 10Page - ATMEL Corporation ATA6623 Datasheet HTML 11Page - ATMEL Corporation ATA6623 Datasheet HTML 12Page - ATMEL Corporation ATA6623 Datasheet HTML 13Page - ATMEL Corporation ATA6623 Datasheet HTML 14Page - ATMEL Corporation ATA6623 Datasheet HTML 15Page - ATMEL Corporation ATA6623 Datasheet HTML 16Page - ATMEL Corporation ATA6623 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
4957H–AUTO–05/10
ATA6623/ATA6625
7.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage V
S
V
S
–0.3
+40
V
Pulse time
≤ 500 ms
T
a =25°C
Output current IVCC ≤ 50 mA
V
S
+40
V
Pulse time
≤ 2min
T
a =25°C
Output current I
VCC ≤ 50 mA
V
S
27
V
Logic pins (RxD, TxD, EN, NRES)
–0.3
+5.5
V
Output current NRES
I
NRES
+2
mA
LIN
- DC voltage
–27
+40
V
VCC
- DC voltage
–0.3
+5.5
V
ESD according to IBEE LIN EMC
Test specification 1.0 following IEC 61000-4-2
- Pin VS, LIN to GND
±6
KV
ESD HBM following STM5.1
with 1.5 k
Ω/100 pF
- Pin VS, LIN to GND
±6
KV
HBM ESD
ANSI/ESD-STM5.1
JESD22-A114
AEC-Q100 (002)
±3
KV
CDM ESD STM 5.3.1
±750
V
Machine Model ESD
AEC-Q100-RevF(003)
±200
V
Junction temperature
Tj
–40
+150
°C
Storage temperature
Ts
–55
+150
°C
8.
Thermal Characteristics
Parameters
Symbol
Min.
Typ.
Max.
Unit
Thermal resistance junction to ambient
(free air)
Rthja
145
K/W
Special heat sink at GND (pin 3) on PCB
Rthja
80
K/W
Thermal shutdown of VCC regulator
TVCCoff
150
160
170
°C
Thermal shutdown of LIN output
TLINoff
150
160
170
°C
Thermal shutdown hysteresis
Thys
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com