Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6623 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6623 Datasheet HTML 2Page - ATMEL Corporation ATA6623 Datasheet HTML 3Page - ATMEL Corporation ATA6623 Datasheet HTML 4Page - ATMEL Corporation ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation ATA6623 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
4957H–AUTO–05/10
ATA6623/ATA6625
4.1
Normal Mode
This is the normal transmitting and receiving Mode of the LIN Interface, in accordance with LIN
specification 2.x. The V
CC voltage regulator operates with a 3.3V/5V output voltage, with a low
tolerance of ±2% and a maximum output current of 50 mA.
If an undervoltage condition occurs, NRES is switched to low and the IC changes its state to
Fail-safe Mode.
4.2
Silent Mode
A falling edge at EN while TXD is high switches the IC into Silent Mode. The TXD Signal has to
be logic high during the Mode Select window (Figure 4-2 on page 7). The transmission path is
disabled in Silent Mode. The overall supply current from V
Batt is a combination of the
I
VSsi = 57 µA plus the VCC regulator output current IVCC.
The 3.3V/5V regulator with 2% tolerance can source up to 50 mA. In Silent Mode the internal
slave termination between pin LIN and pin VS is disabled, and only a weak pull-up current (typi-
cally 10 µA) between pin LIN and pin VS is present. The Silent Mode can be activated
independently from the current level on pin LIN.
If an undervoltage condition occurs, NRES is switched to low and the IC changes its state to
Fail-safe Mode.
A voltage less than the LIN Pre-wake detection V
LINL at pin LIN activates the internal LIN
receiver and switches on the internal slave termination between the LIN pin and the VS pin.
A falling edge at the LIN pin followed by a dominant bus level maintained for a certain time
period (t
bus) and the following rising edge at pin LIN (see Figure 4-3 on page 7) results in a
remote wake-up request.
The device switches from Silent Mode to Fail-safe Mode, and the remote wake-up request is
indicated by a low level at pin RXD to interrupt the microcontroller (Figure 4-3 on page 7). EN
high can be used to switch directly to Normal Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com