Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6623 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA6623 Datasheet HTML 1Page - ATMEL Corporation ATA6623 Datasheet HTML 2Page - ATMEL Corporation ATA6623 Datasheet HTML 3Page - ATMEL Corporation ATA6623 Datasheet HTML 4Page - ATMEL Corporation ATA6623 Datasheet HTML 5Page - ATMEL Corporation ATA6623 Datasheet HTML 6Page - ATMEL Corporation ATA6623 Datasheet HTML 7Page - ATMEL Corporation ATA6623 Datasheet HTML 8Page - ATMEL Corporation ATA6623 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
4957H–AUTO–05/10
ATA6623/ATA6625
Figure 1-1.
Block Diagram
2.
Pin Configuration
Figure 2-1.
Pinning SO8
3
GND
2
EN
6
TXD
5
RXD
VCC
8
NRES
7
Short circuit and
overtemperature
protection
Normal/Silent/
Fail-safe Mode
3.3V/50 mA/±2%
5V/50 mA/±2%
Control
unit
Normal
Mode
RF-filter
LIN
VS
1
4
TXD
Time-out
timer
Slew rate control
Undervoltage reset
Sleep
mode
VCC
switched
off
Wake-up bus timer
ATA6623/25
Receiver
V
CC
-
+
V
CC
VCC
3
4
2
1
TXD
NRES
RXD
VS
8
7
6
5
GND
EN
LIN
Table 2-1.
Pin Description
Pin
Symbol
Function
1
VS
Battery supply
2
EN
Enables Normal Mode if the input is high
3
GND
Ground, heat sink
4
LIN
LIN bus line input/output
5
RXD
Receive data output
6
TXD
Transmit data input
7
NRES
Output undervoltage reset, low at reset
8
VCC
Output voltage regulator 3.3V/5V/50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com