Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6623 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6623
Description  Linear Low-drop Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6623 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6623 Datasheet HTML 16Page - ATMEL Corporation ATA6623 Datasheet HTML 17Page - ATMEL Corporation ATA6623 Datasheet HTML 18Page - ATMEL Corporation ATA6623 Datasheet HTML 19Page - ATMEL Corporation ATA6623 Datasheet HTML 20Page - ATMEL Corporation ATA6623 Datasheet HTML 21Page - ATMEL Corporation ATA6623 Datasheet HTML 22Page - ATMEL Corporation ATA6623 Datasheet HTML 23Page - ATMEL Corporation ATA6623 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
4957H–AUTO–05/10
ATA6623/ATA6625
11. Package Information
10. Ordering Information
Extended Type Number
Package
Remarks
ATA6623-TAPY
SO8
3.3V LIN system basis chip, Pb-free, 1k, taped and reeled
ATA6625-TAPY
SO8
5V LIN system basis chip, Pb-free, 1k, taped and reeled
ATA6623-TAQY
SO8
3.3V LIN system basis chip, Pb-free, 4k, taped and reeled
ATA6625-TAQY
SO8
5V LIN system basis chip, Pb-free, 4k, taped and reeled
ATA6623C-TAPY
SO8
3.3V LIN system basis chip, Pb-free, 1k, taped and reeled
ATA6625C-TAPY
SO8
5V LIN system basis chip, Pb-free, 1k, taped and reeled
ATA6623C-TAQY
SO8
3.3V LIN system basis chip, Pb-free, 4k, taped and reeled
ATA6625C-TAQY
SO8
5V LIN system basis chip, Pb-free, 4k, taped and reeled
Package: SO 8
Dimensions in mm
specifications
according to DIN
technical drawings
Issue: 1; 15.08.06
Drawing-No.: 6.541-5031.01-4
14
85
5±0.2
3.8±0.1
6±0.2
3.7±0.1
4.9±0.1
3.81
0.4
1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com