Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMEGAD Datasheet(PDF) 75 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 71Page - ATMEL Corporation XMEGAD Datasheet HTML 72Page - ATMEL Corporation XMEGAD Datasheet HTML 73Page - ATMEL Corporation XMEGAD Datasheet HTML 74Page - ATMEL Corporation XMEGAD Datasheet HTML 75Page - ATMEL Corporation XMEGAD Datasheet HTML 76Page - ATMEL Corporation XMEGAD Datasheet HTML 77Page - ATMEL Corporation XMEGAD Datasheet HTML 78Page - ATMEL Corporation XMEGAD Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 309 page
background image
75
8210B–AVR–04/10
XMEGA D
Table 7-1 on page 75 shows the different sleep modes and the active clock domains, oscillators
and wake-up sources.
The wake-up time for the device is dependent on the sleep mode and the main clock source.
The start-up time for the system clock source must be added to the wake-up time for sleep
modes where the clock source is stopped. For details on the start-up time for the different oscil-
lators options refer to ”System Clock and Clock options” on page 55.
The content of the Register File, SRAM and registers are kept during sleep. If a reset occurs
during sleep, the device will reset, start up and execute from the Reset Vector.
7.3.1
Idle Mode
In Idle mode the CPU and Non-Volatile Memory are stopped, (note that any active programming
will be completed) but all peripherals including the Interrupt Controller and Event System are
kept running. Any interrupt request interrupts will wake the device.
7.3.2
Power-down Mode
In Power-down mode all system clock sources, including the Real Time Counter clock source
are stopped. This allows operation of asynchronous modules only. The only interrupts that can
wake up the MCU are the Two Wire Interface address match interrupts, and asynchronous port
interrupts.
7.3.3
Power-save Mode
Power-save mode is identical to Power-down, with one exception:
If the Real Time Counter (RTC) is enabled, it will keep running during sleep and the device can
also wake up from either RTC Overflow or Compare Match interrupt.
Table 7-1.
Active clock domains and wake-up sources in the different sleep modes.
Active clock domain
Oscillators
Wake-up sources
Sleep modes
Idle
X
X
X
X
XX
XX
Power-down
X
X
Power-save
X
X
X
X
X
Standby
X
X
X
Extended Standby
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com