Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMEGAD Datasheet(PDF) 21 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 17Page - ATMEL Corporation XMEGAD Datasheet HTML 18Page - ATMEL Corporation XMEGAD Datasheet HTML 19Page - ATMEL Corporation XMEGAD Datasheet HTML 20Page - ATMEL Corporation XMEGAD Datasheet HTML 21Page - ATMEL Corporation XMEGAD Datasheet HTML 22Page - ATMEL Corporation XMEGAD Datasheet HTML 23Page - ATMEL Corporation XMEGAD Datasheet HTML 24Page - ATMEL Corporation XMEGAD Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 309 page
background image
21
8210B–AVR–04/10
XMEGA D
4.5
Data Memory
The Data memory contains the I/O Memory, internal SRAM, optionally memory mapped
EEPROM and external memory if available. The data memory is organized as one continuous
memory section, as shown in Figure 4-2 on page 22.
Figure 4-2.
Data Memory Map
I/O Memory, EEPROM and SRAM will always have the same start addresses for all XMEGA
devices. External Memory (if exist) will always start at the end of Internal SRAM and end at
address 0xFFFF.
4.6
Internal SRAM
The internal SRAM is mapped in the Data Memory space, always starting at hexadecimal
address location 0x2000. SRAM is accessed from the CPU by using the load (LD/LDS/LDD) and
store (ST/STS/STD) instructions.
4.7
EEPROM
XMEGA has EEPROM memory for non-volatile data storage. It is addressable either in as a sep-
arate data space (default), or it can be memory mapped and accessed in normal data space.
The EEPROM memory supports both byte and page access.
4.7.1
Data Memory Mapped EEPROM Access
The EEPROM address space can optionally be mapped into the Data Memory space to allow
highly efficient EEPROM reading and EEPROM buffer loading. When doing this EEPROM is
accessible using load and store instructions. Memory mapped EEPROM will always start at
hexadecimal address location 0x1000.
4.8
I/O Memory
The status and configuration registers for all peripherals and modules, including the CPU, are
addressable through I/O memory locations in the data memory space. All I/O locations can be
accessed by the load (LD/LDS/LDD) and store (ST/STS/STD) instructions, transferring data
between the 32 general purpose registers in the Register File and the I/O memory. The IN and
Start/End
Address
I/O Memory
(Up to 4 KB)
EEPROM
(Up to 4 KB)
Internal SRAM
0x0000
0x1000
0xFFFF
0x2000
Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com