Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMEGAD Datasheet(PDF) 13 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 9Page - ATMEL Corporation XMEGAD Datasheet HTML 10Page - ATMEL Corporation XMEGAD Datasheet HTML 11Page - ATMEL Corporation XMEGAD Datasheet HTML 12Page - ATMEL Corporation XMEGAD Datasheet HTML 13Page - ATMEL Corporation XMEGAD Datasheet HTML 14Page - ATMEL Corporation XMEGAD Datasheet HTML 15Page - ATMEL Corporation XMEGAD Datasheet HTML 16Page - ATMEL Corporation XMEGAD Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 309 page
background image
13
8210B–AVR–04/10
XMEGA D
3.12.2
Sequence for execution of protected SPM/LPM
1.
The application code writes the signature for execution of protected SPM/LPM to the
CCP register.
2.
Within 4 instruction cycles, the application code must execute the appropriate instruc-
tion. The protected change is immediately disabled if the CPU performs write
operations to the data memory, or if SLEEP is executed.
Once the correct signature is written by the CPU, interrupts will be ignored for the configuration
change enable period. Any interrupt request (including Non-Maskable Interrupts) during the
CPP period will set the corresponding interrupt flag as normal and the request is kept pending.
After the CPP period any pending interrupts are executed according to their level and priority.
3.13
Fuse Lock
For some system critical features it is possible to program a fuse to disable all changes in the
associated I/O control registers. If this is done, it will not be possible to change the registers from
the user software, and the fuse can only be reprogrammed using an external programmer.
Details on this are described in the datasheet module where this feature is available.
3.14
Register Description
3.14.1
CCP - Configuration Change Protection Register
• Bit 7:0 - CCP[7:0] - Configuration Change Protection
The CCP register must be written with the correct signature to enable change of the protected
I/O register or execution of the protected instruction for a maximum of 4 CPU instruction cycles.
All interrupts are ignored during these cycles. After these cycles interrupts automatically handled
again by the CPU, and any pending interrupts will be executed according to their level and prior-
ity. When the Protected I/O register signature is written, CCP[0] will read as one as long as the
protected feature is enabled. Similarly when the Protected SPM/LPM signature is written CCP[1]
will read as one as long as the protected feature is enabled. CCP[7:2] will always be read as
zero. Table 3-1 on page 13 shows the signature for the various modes.
Bit
765
43210
+0x04
CCP[7:0]
CCP
Read/Write
WWWWWWWW
Initial Value
000
00000
Table 3-1.
Modes of CPU Change Protection
Signature
Group Configuration
Description
0x9D
SPM
Protected SPM/LPM
0xD8
IOREG
Protected IO register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com