Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMEGAD Datasheet(PDF) 39 Page - ATMEL Corporation

Part # XMEGAD
Description  Interrupts and Programmable Multi-level Interrupt Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

XMEGAD Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button XMEGAD Datasheet HTML 35Page - ATMEL Corporation XMEGAD Datasheet HTML 36Page - ATMEL Corporation XMEGAD Datasheet HTML 37Page - ATMEL Corporation XMEGAD Datasheet HTML 38Page - ATMEL Corporation XMEGAD Datasheet HTML 39Page - ATMEL Corporation XMEGAD Datasheet HTML 40Page - ATMEL Corporation XMEGAD Datasheet HTML 41Page - ATMEL Corporation XMEGAD Datasheet HTML 42Page - ATMEL Corporation XMEGAD Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 309 page
background image
39
8210B–AVR–04/10
XMEGA D
4.16
Register Description – MCU Control
4.16.1
DEVID0 - MCU Device ID Register 0
The DEVID0, DEVID1 and DEVID2 contains the 3-byte identification that identify each micro-
controller device type. For details on the actual ID refer to the device datasheet.
• Bit 7:0 - DEVID0[7:0]: MCU Device ID Byte 1
This byte will always be read as 0x1E. This indicates that the device is manufactured by Atmel
4.16.2
DEVID1 - MCU Device ID Register 1
• Bit 7:0 - DEVID[7:0]: MCU Device ID Byte 1
Byte 1 of the device ID indicates the flash size of the device.
4.16.3
DEVID2 - MCU Device ID Register 2
• Bit 7:0 - DEVID2[7:0]: MCU Device ID Byte 2
Byte 0 of the device ID indicates the device number.
4.16.4
REVID - MCU Revision ID
• Bit 7:4 - Reserved
These bits are reserved and will always read as zero. For compatibility with future devices,
always write these bits to zero when this register is written.
• Bit 3:0 - REVID[3:0]: MCU Revision ID
These bits contains the device revision. 0=A, 1=B and so on.
Bit
7
65
43
21
0
+0x00
DEVID0[7:0]
DEVID0
Read/Write
RR
RR
RR
RR
Initial Value
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Bit
7
65
43
21
0
+0x01
DEVID1[7:0]
DEVID1
Read/Write
RR
RR
RR
RR
Initial Value
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Bit
7
65
43
21
0
+0x02
DEVID2[7:0]
DEVID2
Read/Write
RR
RR
RR
RR
Initial Value
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Bit
7
6
543
210
+0x03
–
–
–
–
REVID[3:0]
REVID
Read/Write
R
RRR
RRR
R
Initial Value
1/0
1/0
1/0
1/0
1/0
1/0
1/0
1/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com