Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1823 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1823
Description  Power Brushless Motor Predriver IC for OA Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1823 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1823 Datasheet HTML 3Page - Sanyo Semicon Device LB1823 Datasheet HTML 4Page - Sanyo Semicon Device LB1823 Datasheet HTML 5Page - Sanyo Semicon Device LB1823 Datasheet HTML 6Page - Sanyo Semicon Device LB1823 Datasheet HTML 7Page - Sanyo Semicon Device LB1823 Datasheet HTML 8Page - Sanyo Semicon Device LB1823 Datasheet HTML 9Page - Sanyo Semicon Device LB1823 Datasheet HTML 10Page - Sanyo Semicon Device LB1823 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
4. Speed lock range
The speed lock range is ±6.25% of the rated speed, and the LD pin (which is an open collector output) will be low
when the motor speed is within the lock range. The LB1823 controls the motor speed to be within the lock range by
generating a speed error signal when the motor speed goes out of the lock range and adjusting the motor drive on
duty according to that signal.
5. PWM frequency
The PWM frequency is determined by R1 and C3, which are connected to the CR pin.
When R1 is connected to a 6.3 V power supply (the application circuit pin 17 voltage):
fPWM ≈ 1/(0.6 · C · R)
R1 must not be any smaller than 30 k
Ω. A PWM frequency of 15 kHz is desirable. If the PWM frequency is too low,
the motor will resonate at the PWM frequency during motor constraint. This can result in disturbing audible
frequency noise. Inversely, the output transistor switching loss can become significant if the PWM frequency is too
high.
6. Grounding
The signal system ground must be separated from the output system ground, and these grounds must be connected to
a single ground point at the connector. The output system ground should be kept as short as possible since it carries
large current.
Output system ground – – The Rf (R10) ground side. The D1, D2, and D3 ground side.
Signal system ground – – The IC pin 24 and the IC peripheral circuit ground.
7. External interface pins
• LD pin
Output type: open collector
Breakdown voltage:8 V
Manufacturing variation in the saturation voltage (reference value at ILD = 10 mA)
0.10 to 0.30 V
• FGS pin
Output type: open collector
Breakdown voltage: 8 V
Manufacturing variation in the saturation voltage (reference value at IFGS = 2 mA)
0.05 to 0.10 V
The FGS pin outputs the FG amplifier output converted to a pulse signal by a hysteresis comparator. Thus FGS is a
speed monitor output. No pull-up resistor is required when unused.
• S/S pin
Input type: PNP transistor base with a 63 k
Ω pull-up resistor to V
CC
Threshold level: About 2.6 V (high to low), about 3.05 V (low to high)
(typical) Hysteresis: about 0.45 V
In the stop state, power is cut from all but certain circuits (the input, crystal oscillator and divider circuits) and the
LB1823 does not operate.
• F/R pin
Input type: PNP transistor base with a 50 k
Ω pull-down resistor to ground
Threshold level: About 2.6 V (high to low), about 3.05 V (low to high)
(typical) Hysteresis: about 0.45 V
The forward/reverse direction must be switched in the stop state.
• BR pin
Input type: PNP transistor base with a 50 k
Ω pull-down resistor to ground
Threshold level: About 2.6 V (high to low), about 3.05 V (low to high)
(typical) Hysteresis: about 0.45 V
Braking must be released in the stop mode.
No. 4263-8/11
LB1823



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com