Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1823 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1823
Description  Power Brushless Motor Predriver IC for OA Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1823 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB1823 Datasheet HTML 3Page - Sanyo Semicon Device LB1823 Datasheet HTML 4Page - Sanyo Semicon Device LB1823 Datasheet HTML 5Page - Sanyo Semicon Device LB1823 Datasheet HTML 6Page - Sanyo Semicon Device LB1823 Datasheet HTML 7Page - Sanyo Semicon Device LB1823 Datasheet HTML 8Page - Sanyo Semicon Device LB1823 Datasheet HTML 9Page - Sanyo Semicon Device LB1823 Datasheet HTML 10Page - Sanyo Semicon Device LB1823 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
External Component Functions
Notes on LB1823 Operation and External Components
1. Speed control circuit
The LB1823 uses a speed discriminator circuit and a PLL circuit in combination for speed control. The speed
discriminator generates an error output once every two FG periods using a charge pump technique. The PLL circuit
generates a phase error output once every FG period, also using a charge pump technique. By using a speed
discriminator circuit and a PLL circuit together, the LB1823 can suppress speed variations better than earlier systems
that only used a speed discriminator for speed control when used with motors faced with large load variations. Since
the following formula determines the FG servo frequency, the motor speed is set by the number of FG pulses and the
crystal oscillator frequency.
fFG (servo) = fOSC/8192
fOSC: Crystal oscillator frequency
2. Direct PWM drive
This IC adopts a direct PWM drive technique to minimize power loss in the outputs. The output transistors are
always saturated when on, and the motor drive power is adjusted by changing the duty with which the outputs are on.
Since the upper side transistors switch the outputs, Schottky, fast recovery, or similar diodes must be inserted
between OUT and ground (diodes D1, D2 and D3). (This is because through currents will flow in the upper side
transistors at the instant they turn on if these diodes do not have a short reverse recovery time.) Ordinary rectifying
diodes can be used between OUT and VCC. Transistors with no parasitic diodes must be used for the output lower
side transistors. If these transistors include parasitic diodes, through currents will flow due to their reverse recovery
time, even if Schottky diodes are used for D1, D2 and D3.
3. Current limiter circuit
The current limiter circuit operates (to limit the peak current) at a current determined by the formula I = 0.5/Rf
(where Rf = R10). The limiting operation suppresses the current by reducing the on duty. No phase compensation
capacitor is required.
No. 4263-7/11
LB1823
Part
Function
Description
C1
Power supply stabilization
Choose a value such that the voltage fluctuations due to the motor drive currents are
stabilized.
C2
IC power supply stabilization
Attach as close as possible to pins 17 and 24.
R1, C3
PWM frequency setting
Use a resistor of 30 k
Ω or larger for R1.
C4, C5, R2
External crystal oscillator circuit
See the figure on page 6.
C6, C7, R3, R4, R5
Servo constants
IC internal power supply
If the capacitance of this capacitor is too small, it will become harder to reset the internal IC
C8
stabilization
logic reliably and incorrect logic operation may occur. Attach as close as possible to pins 11
Reset pulse generation
and 24.
C9, C10, R7, R8
FG amplifier gain and frequency
characteristics settings
R10
Limit current setting
Output current IOUT = VRF/R10
R11, R12
Hall element bias current settings
R13, R14, R15
Sink current settings
These resistors set the sink currents for the UL, VL and WL (open collector) outputs.
R16
Shunt regulator bias current
Select a value such that a current of over 1 mA flows in the VM voltage range for which
settings
guaranteed correct operation is desired.
R17, R18, R19
Pull-down resistors
These resistors speed up the motor drive output transistor off times.
R20
Start time assurance
Include R20 in applications in which the start up time is a problem.
D1, D2, D3
Regeneration current absorption
Use Schottky diodes for D1, D2 and D3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com