Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1823 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1823
Description  Power Brushless Motor Predriver IC for OA Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1823 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB1823 Datasheet HTML 2Page - Sanyo Semicon Device LB1823 Datasheet HTML 3Page - Sanyo Semicon Device LB1823 Datasheet HTML 4Page - Sanyo Semicon Device LB1823 Datasheet HTML 5Page - Sanyo Semicon Device LB1823 Datasheet HTML 6Page - Sanyo Semicon Device LB1823 Datasheet HTML 7Page - Sanyo Semicon Device LB1823 Datasheet HTML 8Page - Sanyo Semicon Device LB1823 Datasheet HTML 9Page - Sanyo Semicon Device LB1823 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
External Crystal Oscillator Circuit
External Constants (reference value, VCC = 6.3 V)
No. 4263-6/11
LB1823
External Constants (reference value, VCC = 5 V)
Note: However, an oscillator element with crystal fundamental frequency fO impedance to 3fO
impedance ratio = 1:5 or greater must be used.
Xtal (MHz)
C1(pF)
C2(pF)
R(
Ω)
3 to 4
39
120
390
4 to 5
39
120
560
5 to 7
39
82
820
7 to 10
39
68
2200
Xtal (MHz)
C1(pF)
C2(pF)
R(
Ω)
3 to 4
39
180
330
4 to 5
39
150
390
5 to 7
39
100
560
7 to 10
39
68
1200
Pin Functions
Pin No.
Symbol
Function
30, 29
IN1+, IN1–
Hall input pin
28, 27
IN2+, IN2–
Hall input pin
26, 25
IN3+, IN3–
Hall input pin
19
UH
Output pin, constant current source output
21
VH
Output pin, constant current source output
23
WH
Output pin, constant current source output
18
UL
Output pin, open collector sink output
20
VL
Output pin, open collector sink output
22
WL
Output pin, open collector sink output
17
VCC
Power supply
16
VREG
7 V shunt regulator output
24
GND
Ground
4
CR
PWM oscillator frequency setting
9
INTIN
Integrator input
10
INTOUT
Integrator output (speed control pin)
7
DOUT
Speed discriminator output. High on overspeed.
6
POUT
PLL output
8
LD
Lock detector
Low when the motor speed is in the lock range (±6.25%)
11
FGIN+
FG pulse input (1/2 of the VCC voltage)
12
FGIN–
FG pulse input
13
FGOUT
FG amplifier output
14
FGSOUT
FG amplifier output (following the Schmitt circuit)
5
X’tal
Crystal oscillator. Connect a crystal oscillator element to this pin.
15
RF
Output current detection
1
S/S
Start/stop control pin
Low for start, high or open for stop
2
F/R
Forward/reverse control
Low or open for forward, high for reverse
3
BR
Brake, short brake
Low or open for start, high for brake. The S/S pin must be set to the stop state when releasing the brake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com