Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1823 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1823
Description  Power Brushless Motor Predriver IC for OA Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1823 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1823 Datasheet HTML 1Page - Sanyo Semicon Device LB1823 Datasheet HTML 2Page - Sanyo Semicon Device LB1823 Datasheet HTML 3Page - Sanyo Semicon Device LB1823 Datasheet HTML 4Page - Sanyo Semicon Device LB1823 Datasheet HTML 5Page - Sanyo Semicon Device LB1823 Datasheet HTML 6Page - Sanyo Semicon Device LB1823 Datasheet HTML 7Page - Sanyo Semicon Device LB1823 Datasheet HTML 8Page - Sanyo Semicon Device LB1823 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Sample Application Circuit
Truth Table
Note: High (H) for a given input (IN) specifies the state where IN+ > IN–.
The formula below gives the relationship between the crystal oscillator frequency (fOSC) and the FG frequency (fFG).
fFG (servo) = fOSC/(ECL16 divisor × number of counts)
= fOSC/8192
No. 4263-5/11
LB1823
Item
F/R = L
F/R = H
Output
IN1
IN2
IN3
IN1
IN2
IN3
Source
Sink
1
H
L
H
L
H
L
VH
UL
2
H
L
L
L
H
H
WH
UL
3
H
H
L
L
L
H
WH
VL
4
L
H
L
H
L
H
UH
VL
5
L
H
H
H
L
L
UH
WL
6
L
L
H
H
H
L
VH
WL
Unit (capacitance: F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com