Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17N Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BFS17N
Description  NPN RF TRANSISTOR IN SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BFS17N Datasheet(HTML) 2 Page - Diodes Incorporated

  BFS17N Datasheet HTML 1Page - Diodes Incorporated BFS17N Datasheet HTML 2Page - Diodes Incorporated BFS17N Datasheet HTML 3Page - Diodes Incorporated BFS17N Datasheet HTML 4Page - Diodes Incorporated BFS17N Datasheet HTML 5Page - Diodes Incorporated BFS17N Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BFS17N
Document Number DS32160 Rev. 2 - 2
2 of 6
www.diodes.com
August 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BFS17N
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
20
V
Collector-Emitter Voltage
VCEO
11
V
Emitter-Base Voltage
VEBO
3
V
Continuous Collector Current
IC
50
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (Note 4)
PD
330
mW
Thermal Resistance, Junction to Ambient (Note 4) @ TA = 25°C
RθJA
380
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 15mm X 15mm X 1.6mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
Thermal Characteristics and Derating information
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
250
300
350
Single Pulse
D=0.05
D=0.1
D=0.2
D=0.5
Transient Thermal Impedance
Pulse Width (s)
0
20
40
60
80
100
120
140
160
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Derating Curve
Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com