Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17N Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BFS17N
Description  NPN RF TRANSISTOR IN SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BFS17N Datasheet(HTML) 4 Page - Diodes Incorporated

  BFS17N Datasheet HTML 1Page - Diodes Incorporated BFS17N Datasheet HTML 2Page - Diodes Incorporated BFS17N Datasheet HTML 3Page - Diodes Incorporated BFS17N Datasheet HTML 4Page - Diodes Incorporated BFS17N Datasheet HTML 5Page - Diodes Incorporated BFS17N Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BFS17N
Document Number DS32160 Rev. 2 - 2
4 of 6
www.diodes.com
August 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BFS17N
Typical Characteristics
0.1
1
10
100
400
500
600
700
800
900
1000
1100
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
1
2
3
4
0
5
10
15
20
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
01
23
456
78
9
10
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.1
1
10
100
0
50
100
150
200
T=-55°C
T=25°C
T=85°C
T=150°C
V
CE
=5V
I
C
Collector Current (mA)
V
CE
=10V
V
CE
=5V
V
CE
=2V
Tamb=25°C
f=500MHz
I
C
Collector Current (mA)
V
CE
=1V
Ta=25°C
f=1MHz
V
CB
Collector-Base Voltage (V)
Ta=25°C
f=1MHz
V
EB
Emitter-Base Voltage (V)
Ten base steps
100μA per step
V
CE
(V)
T=-55°C
T=25°C
T=85°C
T=150°C
V
CE
=5V
I
C
Collector Current (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com