Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17N Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BFS17N
Description  NPN RF TRANSISTOR IN SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BFS17N Datasheet(HTML) 1 Page - Diodes Incorporated

  BFS17N Datasheet HTML 1Page - Diodes Incorporated BFS17N Datasheet HTML 2Page - Diodes Incorporated BFS17N Datasheet HTML 3Page - Diodes Incorporated BFS17N Datasheet HTML 4Page - Diodes Incorporated BFS17N Datasheet HTML 5Page - Diodes Incorporated BFS17N Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BFS17N
Document Number DS32160 Rev. 2 - 2
1 of 6
www.diodes.com
August 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BFS17N
NPN RF TRANSISTOR IN SOT-23
Features
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Applications
•
RF Switch
Mechanical Data
•
Case: SOT-23
•
Case material: molded Plastic. “Green” molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Product
Case
Reel size (inches)
Tape width (mm)
Quantity per reel
BFS17NTA
SOT-23
7
8mm
3000
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.‘s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
E1N = Product type Marking Code
Top View
Device symbol
Top View
Pin Out
E1N
SOT-23


Similar Part No. - BFS17N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS17 PHILIPS-BFS17 Datasheet
37Kb / 6P
NPN 1 GHz wideband transistor
September 1995
logo
Vishay Siliconix
BFS17 VISHAY-BFS17 Datasheet
149Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
NXP Semiconductors
BFS17 NXP-BFS17 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Guangdong Kexin Industr...
BFS17 KEXIN-BFS17 Datasheet
901Kb / 2P
NPN Transistors
logo
Motorola, Inc
BFS17 MOTOROLA-BFS17 Datasheet
34Kb / 1P
RF TRANSISTOR
More results

Similar Description - BFS17N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZUMTS17N DIODES-ZUMTS17N Datasheet
113Kb / 6P
NPN RF TRANSISTOR IN SOT-323
Rev 1
ZXTN649F DIODES-ZXTN649F Datasheet
122Kb / 7P
NPN LOW VCE(sat) TRANSISTOR IN SOT-23
Rev 2
logo
Foshan Blue Rocket Elec...
2SC1815M FOSHAN-2SC1815M Datasheet
893Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC1959M FOSHAN-2SC1959M Datasheet
662Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC2712 FOSHAN-2SC2712 Datasheet
924Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC2812 FOSHAN-2SC2812 Datasheet
981Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC3326 FOSHAN-2SC3326 Datasheet
895Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC3330M FOSHAN-2SC3330M Datasheet
830Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC3356 FOSHAN-2SC3356 Datasheet
614Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
2SC5344S FOSHAN-2SC5344S Datasheet
664Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com