Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17N Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BFS17N
Description  NPN RF TRANSISTOR IN SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BFS17N Datasheet(HTML) 3 Page - Diodes Incorporated

  BFS17N Datasheet HTML 1Page - Diodes Incorporated BFS17N Datasheet HTML 2Page - Diodes Incorporated BFS17N Datasheet HTML 3Page - Diodes Incorporated BFS17N Datasheet HTML 4Page - Diodes Incorporated BFS17N Datasheet HTML 5Page - Diodes Incorporated BFS17N Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BFS17N
Document Number DS32160 Rev. 2 - 2
3 of 6
www.diodes.com
August 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
BFS17N
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
20
−
−
V
IC = 10µA
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
11
−
−
V
IC = 1mA
Emitter-Base Breakdown Voltage
V(BR)EBO
3
−
−
V
IE = 10µA
Collector Cutoff Current
ICBO
−
−
0.5
µA
VCB = 10V
Emitter Cutoff Current
IEBO
−
−
0.5
µA
VEB = 2V
Static Forward Current Transfer Ratio (Note 5)
hFE
56
−
180
−
IC = 5mA, VCE = 10V
Collector-Emitter Saturation Voltage (Note 5)
VCE(sat)
−
−
0.5
V
IC = 25mA, IB = 5mA
Transition Frequency (Note 5)
fT
1.4
3.2
−
GHz
IE = 25mA, VCE = 5V,
f = 500MHz
Collector Output Capacitance (Note 5)
Cob
−
0.8
1.5
pF
VCB = 10V, f = 1MHz
Notes:
5. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle
≤ 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com