Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-0WB3F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTS751-0WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-0WB3F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTS751-0WB3F Datasheet HTML 2Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 3Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 4Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 5Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 6Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 7Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 8Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 9Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Description
STTS751
6/36
Doc ID 16483 Rev 5
1
Description
The STTS751 is a digital temperature sensor which communicates over a 2-wire SMBus 2.0
compatible bus. The temperature is measured with a user-configurable resolution between
9 and 12 bits. At 9 bits, the smallest step size is 0.5 °C, and at 12 bits, it is 0.0625 °C. At the
default resolution (10 bits, 0.25 °C/LSB), the conversion time is nominally 21 milliseconds.
The open-drain EVENT output is used to indicate an alarm condition in which the measured
temperature has exceeded the user-programmed high limit or fallen below the low limit.
When the EVENT pin is asserted, the host can respond using the SMBus Alert Response
Address (ARA) protocol to which the STTS751 will respond by sending its slave address.
The STTS751 is a 6-pin device that supports user-configurable slave addresses. Via the
pull-up resistor on the Addr/Therm pin, one of four different slave addresses can be
specified. Two order numbers (STTS751-0 and STTS751-1) provide two different sets of
slave addresses bringing the total available to eight. Thus, up to eight devices can share the
same 2-wire SMBus without ambiguity, thereby allowing monitoring of multiple temperature
zones in an application.
The two-wire interface can support transfer rates up to 400 kHz. Two small footprint
packages are available: a UDFN-6L and a standard SOT23-6L package.
Figure 1.
Logic diagram
1.
This pin may not float.
Table 2.
Signal names
Symbol
Type
Description
Addr/Therm
Output
Address selection pin / thermal status pin
EVENT
Output
Event (alert) output
SDA
I/O
SMBus interface data I/O
SCL
Input
SMBus interface clock input
VDD
Power
Device power supply
GND
Ground
Device ground
SDA
VDD
STTS751-0
GND
SCL
EVENT
(1)
Addr/Therm
STTS751-1
AM03028v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com