Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-0WB3F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STTS751-0WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-0WB3F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STTS751-0WB3F Datasheet HTML 19Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 20Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 21Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 22Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 23Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 24Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 25Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 26Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
STTS751
Addr/Therm output
Doc ID 16483 Rev 5
23/36
6
Addr/Therm output
The Addr/Therm pin functions normally as an output to alert the system of an over
temperature condition. It is open drain and requires a pull-up resistor. During power-up, the
pull-up value is sensed by the STTS751 to determine what its slave address will be as
depicted in Table 1.
The Therm output is asserted low whenever the temperature exceeds the Therm limit
(address 20h). Only the upper 8 bits of the temperature register are used in the
comparison with the Therm limit. Once asserted, Therm will remain asserted until
temperature falls below the Therm limit minus the therm hysteresis value. For example, if
the Therm limit is 25 °C, and the therm hysteresis value is 10 °C, the Therm output will
assert when the temperature exceeds 25 °C. It will remain asserted until the temperature
falls down to or below 15 °C (25 – 10).
This pin can be used to control a fan or other failsafe device as shown in Figure 4 on page 8.
Figure 7 below shows how the Therm output functions.
Figure 7.
Therm output
AM03033v1
Time
Addr/Therm
Therm limit
Therm Limit minus
Therm Hysteresis
Temperature
Therm
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com