Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-0WB3F Datasheet(PDF) 14 Page - STMicroelectronics

Part # STTS751-0WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-0WB3F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STTS751-0WB3F Datasheet HTML 10Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 11Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 12Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 13Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 14Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 15Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 16Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 17Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
STTS751 register summary
STTS751
14/36
Doc ID 16483 Rev 5
4.1
STTS751 register formats and details
The STTS751 register set is comprised of the 16 addresses shown in Table 9. The
individual registers are accessed by transferring their addresses via the SMBus interface as
shown in Section 3.2, 3.3, and 3.4. In the case of the RECEIVE byte sequence
(Section 3.5) the address used is the address sent in the previous WRITE, READ or SEND
byte sequence.
An example read sequence of the Therm hysteresis register, address 21h, with its default
value, 0Ah, is shown below. The slave address used is 90h. The gray data is sent by the
STTS751 while the white data is sent by the host.
Note:
All eight bits are used to select the register.
4.2
Temperature register format
The temperature data is a 12-bit number and is stored in two's complement format spanning
the high byte and low byte registers as shown in Table 11.
The integer portion of the temperature is stored in the high byte, and the fractional portion in
the low byte. The lower four bits of the low byte will always read 0. At power-up, the
STTS751 defaults to 10-bit resolution. Thus, bits b5 and b4 of the lower byte will also read 0
until the device is configured to a higher resolution (via the Tres bits in the configuration
register).
Table 10.
Pointer register format
START
SLAVE
ADDRESS
WR ACK
REGISTER
ADDRESS
ACK START
SLAVE
ADDRESS
RD ACK
DATA
NACK STOP
1001_000
0
0010_0001
1001_000
1
0000_1010
Table 11.
Temperature register (two’s complement)
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default
(hex)
00
R
Temperature - high byte
sign
64 °C
32 °C
16 °C
8 °C
4°C
2 °C
1 °C
00
02
R
Temperature - low byte
½ °C
¼ °C
1/
8 °C
1/
16 °C
0
0
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com