Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-0WB3F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTS751-0WB3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-0WB3F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTS751-0WB3F Datasheet HTML 3Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 4Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 5Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 6Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 7Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 8Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 9Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 10Page - STMicroelectronics STTS751-0WB3F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
STTS751
Description
Doc ID 16483 Rev 5
7/36
Figure 2.
Pinout - SOT23-6L and UDFN-6L
SDA
VDD
GND
SCL
EVENT
Addr/Therm
1
2
3
6
5
4
SDA
VDD
GND
SCL
1
2
3
6
5
4
EVENT
Addr/Therm
SOT23-6L
UDFN-6L
AM03029v1
Table 3.
Pin descriptions
Pin
Name
Description
SOT23-6L UDFN-6L
14
Addr/Therm
Open-drain output that can be used to turn on/off a fan or throttle a CPU
clock in the event of an overtemperature condition.
The pin at power-up determines the SMBus slave address according to the
pull-up resistor value as shown in Table 1.
This pin must have a pull-up resistor connected to the same voltage as VDD
or tied to GND (pin cannot float).
Total capacitance on this pin must be <100 pF.
Note: By tying Addr/Therm to ground, the device functions as one address
device only. The Therm functionality is then not available. The address for
device STTS751-0 is 72h and the address for device STTS751-1 is 76h.
25
GND
GND
33
VDD
Power supply VDD
4
1
SCL
SMBus clock
5
2
EVENT
Open-drain interrupt output. Output supports the SMBus Alert (ARA).
Note: This pin may not float.
6
6
SDA
SMBus data input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com