Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1913 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1913
Description  FDD Spindle Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1913 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1913 Datasheet HTML 1Page - Sanyo Semicon Device LB1913 Datasheet HTML 2Page - Sanyo Semicon Device LB1913 Datasheet HTML 3Page - Sanyo Semicon Device LB1913 Datasheet HTML 4Page - Sanyo Semicon Device LB1913 Datasheet HTML 5Page - Sanyo Semicon Device LB1913 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Overview
The LB1913 is a three-phase disk drive motor driver IC
that is optimal for use as a 3.5-inch floppy disk drive
spindle motor driver.
Functions and Features
• Three-phase full-wave linear drive
• On-chip digital speed control
• Start and stop circuits (active low)
• Speed switching
High: 300 rpm, Low: 360 rpm
• Current limiter circuit
• Index comparator circuit
• Index delay circuit
• Thermal protection circuit
Package Dimensions
unit: mm
3222-HSOP28
Monolithic Integrated IC
Ordering number : EN5503
83196HA (0T) No. 5503-1/6
SANYO: HSOP28
[LB1913]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
FDD Spindle Motor Driver
LB1913
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Maximum output current
IO max1
t
≤ 0.5 s
1.0
A
Maximum steady-state output current
IO max2
0.7
A
Allowable power dissipation
Pd max
Independent IC
0.5
W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–40 to +150
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
4.2 to 6.5
V
Specifications
Absolute Maximum Ratings at Ta = 25°C
Allowable Operating Ranges at Ta = 25°C


Similar Part No. - LB1913

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LB191 SEOUL-LB191 Datasheet
376Kb / 14P
INFRARED LAMP LED
LB191 SEOUL-LB191 Datasheet
360Kb / 13P
CYAN LAMP LED
LB191 SEOUL-LB191 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LB191 SEOUL-LB191 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LB191 SEOUL-LB191 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LB1913

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
SPINDLE MOTOR DRIVER
logo
Toshiba Semiconductor
TA8463F TOSHIBA-TA8463F Datasheet
376Kb / 11P
SINGLE CHIP 3 PHASE MOTOR DRIVER FOR FDD SPINDLE MOTOR
logo
Rohm
BA6477FS ROHM-BA6477FS Datasheet
170Kb / 12P
FDD spindle motor driver
BA6486FS ROHM-BA6486FS Datasheet
173Kb / 11P
FDD spindle motor driver
BA6492BFS ROHM-BA6492BFS Datasheet
187Kb / 13P
FDD spindle motor driver
logo
Sanyo Semicon Device
LB1817M SANYO-LB1817M Datasheet
164Kb / 9P
FDD Spindle Motor Driver
LB1890M SANYO-LB1890M Datasheet
159Kb / 8P
FDD Spindle Motor Driver
LB1910 SANYO-LB1910 Datasheet
111Kb / 7P
FDD Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com