Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1913 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1913
Description  FDD Spindle Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1913 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1913 Datasheet HTML 1Page - Sanyo Semicon Device LB1913 Datasheet HTML 2Page - Sanyo Semicon Device LB1913 Datasheet HTML 3Page - Sanyo Semicon Device LB1913 Datasheet HTML 4Page - Sanyo Semicon Device LB1913 Datasheet HTML 5Page - Sanyo Semicon Device LB1913 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 5503-2/6
LB1913
Note: * These items are design target values and are not tested.
A “high-level” (H) Hall amplifier input means: UIN+ > UIN
VIN+ > VIN
WIN+ > WIN
Electrical Characteristics at Ta = 25°C, VCC = 5.0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICCO
S/S = 5 V (standby mode)
10
µA
ICC
S/S = 0 V (normal mode)
12
18
mA
SL bias current
ISL
VSL = 0V
10
µA
SL input low-level voltage
VSLL
0
1.0
V
SL input high-level voltage
VSLH
3.5
VCC
V
S/S bias current
IS/S
180
270
µA
S/S low-level voltage
VS/SL
0
0.8
V
S/S high-level voltage
VS/SH
3.5
VCC
V
Hall amplifier input bias current
IHB
10
µA
Common-mode input voltage range
Vh
1.5
VCC–1.0
V
Differential-mode input voltage range
Vdif
50
200
mVp-p
Hall bias output voltage
VH
IH = 5 mA
0.8
V
Leakage current
IHL
S/S = 5 V
±10
µA
Output saturation voltage
Vsat
IO = 0.7 A, sink + source
1.3
1.8
V
Output leakage current
IOL
1.0
mA
Current limiter
Vlim
0.27
0.3
0.33
V
Control amplifier voltage gain
GC
–7
dB
Interphase voltage gain difference
∆G
C
±1
dB
V/I converter source current
I+
9
14
19
µA
V/I converter sink current
I–
–9
–14
–19
µA
V/I converter current ratio
I+/I–
0.8
1.0
1.2
DSC buffer input current
IDSC
1.0
µA
FG Schmitt hysteresis
∆Vsh
*
50
mV
Number of speed discriminator counts
N
1041.5
Discriminator operating frequency
FD
*
1.1
MHz
Oscillator frequency range
FOSC
*
1.1
MHz
Index output low-level voltage
VIDL
IO = 2 mA
0.4
V
Index output leakage current
IIDL
±10
µA
FG amplifier voltage gain
GFG
*
48
dB
FG amplifier input offset
VFGO
±10
mV
FG amplifier internal reference voltage
VFGB
2.2
2.5
2.8
V
Schmitt hysteresis
∆V
SH
*
50
mV
Index input hysteresis
∆V
ID
*
20
mV
Index common-mode input voltage range
VID
1.0
VCC–1.0
V
Thermal shutdown circuit operating
TSD
*
150
180
°C
temperature
Hysteresis
∆TSD
*
40
°C
Source
→ Sink
Hall input
U
V
W
1
V phase
→ W phase
H
H
L
2
V phase
→ U phase
L
H
L
3
W phase
→ U phase
L
H
H
4
W phase
→ V phase
L
L
H
5
U phase
→ V phase
H
L
H
6
U phase
→ W phase
H
L
L
Truth Table



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com