Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1913 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1913
Description  FDD Spindle Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1913 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1913 Datasheet HTML 1Page - Sanyo Semicon Device LB1913 Datasheet HTML 2Page - Sanyo Semicon Device LB1913 Datasheet HTML 3Page - Sanyo Semicon Device LB1913 Datasheet HTML 4Page - Sanyo Semicon Device LB1913 Datasheet HTML 5Page - Sanyo Semicon Device LB1913 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No. 5503-4/6
LB1913
Pin no.
Pin
Pin voltage
Equivalent circuit
Function
2
ID
Low: 0.4 V max
• Index output
High: 4.5 V min
3
CD
• Connection for external RC time constant circuit.
4
SS
Low: 0.8 V max
• Start/stop switching input
High: 3.5 V min
This is an active-low input.
5
SL
Low: 1.0 V max
• Speed switching input
High: 3.5 V min
6
CLK
Low: 1.0 V max
• Reference clock input
High:
Use a clock rate of 1 MHz for 300 and 360 rpm
VCC–1.0 V min
speeds.
7
GND
• Ground connection
Connect this pin, pin 14, and the frame to ground.
8
VCC
• Power supply
Provide a well-stabilized power supply so that ripple
and noise do not enter the LB1913 from this pin.
9
Rf
• Used for output current detection.
The output current is converted to a voltage and
detected by connecting a resistor (Rf) between this
pin and VCC. The current limiter operates by
detecting the voltage on this pin.
Continued on next page
Continued from preceding page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com