Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1913 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1913
Description  FDD Spindle Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1913 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1913 Datasheet HTML 1Page - Sanyo Semicon Device LB1913 Datasheet HTML 2Page - Sanyo Semicon Device LB1913 Datasheet HTML 3Page - Sanyo Semicon Device LB1913 Datasheet HTML 4Page - Sanyo Semicon Device LB1913 Datasheet HTML 5Page - Sanyo Semicon Device LB1913 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No. 5503-5/6
LB1913
Pin no.
Pin
Pin voltage
Equivalent circuit
Function
10
DO
• Speed discriminator
11
FC
• Frequency characteristics correction
Current control system open loop oscillation can be
prevented by inserting a capacitor between this pin
and ground.
13
UOUT
• U-phase output
15
VOUT
• V-phase output
16
WOUT
• W-phase output
14
PGND
• Output transistor ground connection
Continued from preceding page
Index Delay Pulse Timing Chart



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com