Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226BRMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8226BRMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226BRMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8226BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8226
Rev. A | Page 10 of 28
+0.02V, +2.0V
+0.02V, –0.4V
+2.4V, +0.8V
+1.35V, +1.9V
+0.02V, +1.3V
+0.02V, +0.3V
+1.35V, –0.4V
+2.68V, +0.3V
+2.68V, +1.2V
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = +1.35V
Figure 9. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = +2.7 V, G = 1
+0.02V, +4.3V
+0.02V, –0.4V
+4.7V, +1.9V
+2.5V, +4.3V
+0.02V, +3.0V
+0.02V, +0.8V
+2.5V, –0.4V
+4.98V, +0.8V
+4.98V, +3.0V
–1
0
1
2
3
4
5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
5.0
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = +1.35V
Figure 10. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = +5 V, G = 1
0V, +4.3V
–4.97V, +1.8V
–4.97V, –3.0V
0V, –5.4V
+4.96V, –0.3V
+4.96V, +1.8V
–6
–4
–2
0
2
4
6
–6
–4
–2
0
2
4
6
OUTPUT VOLTAGE (V)
Figure 11. Input Common-Mode Voltage vs. Output Voltage,
Dual Supplies, VS = ±5 V, G = 1
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE (V)
+0.02V, +2.0V
+0.02V, –0.3V
+2.4V, +0.8V
+1.35V, +1.9V
+0.02V, +1.3V
+0.02V, +0.4V
+1.35, –0.3V
+2.67V, +0.4V
+2.67V, +1.3V
0
0.5
–0.5
1.0
1.5
2.0
2.5
VREF = 0V
VREF = +1.35V
Figure 12. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = +2.7 V, G = 100
+0.02V, +4.3V
+0.02V, –0.3V
+4.7V, +1.9V
+2.5V, +4.2V
+0.02V, +3.0V
+0.02V, +0.7V
+2.5V, –0.3.V
+4.96V, +0.7V
+4.96V, +3.0V
–1
0
1
2
3
4
5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.5
5.0
OUTPUT VOLTAGE (V)
VREF = 0V
VREF = +2.5V
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
Single Supply, VS = +5 V, G = 100
0V, +4.2V
–4.96V, +1.7V
–4.96V, –3.1V
0V, –5.3V
+4.96V, –3.1V
+4.96V, +1.7V
–6
–4
–2
0
2
4
6
–6
–4
–2
0
2
4
6
OUTPUT VOLTAGE (V)
Figure 14. Input Common-Mode Voltage vs. Output Voltage,
Dual Supplies, VS = ±5 V, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com