Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226BRMZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8226BRMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226BRMZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8226BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 21Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 22Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 23Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 24Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 25Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8226
Rev. A | Page 22 of 28
R
R
AD8226
+VS
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–VS
RG
CD
10nF
CC
1nF
CC
1nF
4.02k
Ω
4.02k
Ω
INPUT PROTECTION
The AD8226 has very robust inputs and typically does not
need additional input protection. Input voltages can be up to
40 V from the opposite supply rail. For example, with a +5 V
positive supply and a −8 V negative supply, the part can safely
withstand voltages from −35 V to 32 V. Unlike some other
instrumentation amplifiers, the part can handle large differen-
tial input voltages even when the part is in high gain. Figure 16,
Figure 17, Figure 19, and Figure 20 show the behavior of the
part under overvoltage conditions.
The rest of the AD8226 terminals should be kept within the
supplies. All terminals of the AD8226 are protected against ESD.
Figure 63. RFI Suppression
For applications where the AD8226 encounters voltages beyond
the allowed limits, external current-limiting resistors and low-
leakage diode clamps such as the BAV199L, the FJH1100s, or
the SP720 should be used.
CD affects the difference signal and CC affects the common-mode
signal. Values of R and CC should be chosen to minimize RFI.
Mismatch between the R × CC at the positive input and the R × CC
at the negative input degrades the CMRR of the AD8226. By using
a value of CD that is one magnitude larger than C
RADIO FREQUENCY INTERFERENCE (RFI)
C
, the effect of
the mismatch is reduced and performance is improved.
RF rectification is often a problem when amplifiers are used in
applications having strong RF signals. The disturbance can appear
as a small dc offset voltage. High frequency signals can be filtered
with a low-pass RC network placed at the input of the instru-
mentation amplifier, as shown in Figure 63. The filter limits the
input signal bandwidth according to the following relationship:
)
2
(
π
2
1
C
D
DIFF
C
C
R
uency
FilterFreq
+
=
C
CM
RC
uency
FilterFreq
π
2
1
=
where CD ≥ 10 CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com