Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226BRMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8226BRMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226BRMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8226BRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8226
Rev. A | Page 16 of 28
1s/DIV
1.5pA/DIV
Figure 45. 0.1 Hz to 10 Hz Current Noise
0
3
6
9
12
15
18
21
24
27
30
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
VS = +5V
Figure 46. Large-Signal Frequency Response
40µs/DIV
25.38
μs TO 0.01%
26.02µs TO 0.001%
0.002%/DIV
5V/DIV
Figure 47. Large-Signal Pulse Response and Settling Time,
G = 1, 10 V Step, VS = ±15 V
40µs/DIV
15.46
μs TO 0.01%
17.68µs TO 0.001%
0.002%/DIV
5V/DIV
Figure 48. Large-Signal Pulse Response and Settling Time,
G = 10, 10 V Step, VS = ±15 V
100µs/DIV
39.64
μs TO 0.01%
58.04µs TO 0.001%
0.002%/DIV
5V/DIV
Figure 49. Large-Signal Pulse Response and Settling Time,
G = 100, 10 V Step, VS = ±15 V
400µs/DIV
349.6
μs TO 0.01%
529.6µs TO 0.001%
0.002%/DIV
5V/DIV
Figure 50. Large-Signal Pulse Response and Settling Time,
G = 1000, 10 V Step, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com