Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226BRMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8226BRMZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226BRMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8226BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 21Page - Analog Devices AD8226BRMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8226
Rev. A | Page 18 of 28
20mV/DIV
RL = 147pF
RL = 100pF
RL = 47pF
NO LOAD
4µs/DIV
Figure 55. Small-Signal Response with Various Capacitive Loads,
G = 1, RL = ∞
2
60
50
40
30
20
10
0
468
10
STEP SIZE (V)
12
14
16
18
20
SETTLED TO 0.01%
SETTLED TO 0.001%
Figure 56. Settling Time vs. Step Size, VS = ±15 V Dual Supplies
340
330
320
310
300
290
0
2
4
6
8
1012
1416
18
SUPPLY VOLTAGE (±VS)
Figure 57. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com