Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS500 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZHCS500
Description  SOT23 SILICON HIGH CURRENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS500 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZHCS500 Datasheet HTML 1Page - Diodes Incorporated ZHCS500 Datasheet HTML 2Page - Diodes Incorporated ZHCS500 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT23 SILICON HIGH CURRENT
SCHOTTKY BARRIER DIODE “SuperBAT”
ISSUE 1- September 1997
7
FEATURES:
•
Low V
F
•
High Current Capability
APPLICATIONS:
•
DC - DC converters
•
Mobile telecomms
•
PCMCIA
PARTMARK DETAIL: ZS5
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
40
V
Forward Current (Continuous)
IF
500
mA
Forward Voltage @ IF =500mA
VF
550
mV
Average Peak Forward Current; D.C. = 50%
IFAV
1000
mA
Non Repetitive Forward Current t
≤100µs
t
≤10ms
IFSM
6.75
3
A
A
Power Dissipation at Tamb=25° C
Ptot
330
mW
Storage Temperature Range
Tstg
-55 to + 150
° C
Junction Temperature
Tj
125
° C
ELECTRICAL CHARACTERISTICS (at Tamb = 25° C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Reverse Breakdown
Voltage
V(BR)R
40
60
V
IR= 200µA
Forward Voltage
VF
270
300
370
465
550
640
810
440
300
350
460
550
670
780
1050
mV
mV
mV
mV
mV
mV
mV
mV
IF= 50mA*
IF= 100mA*
IF= 250mA*
IF= 500mA*
IF= 750mA*
IF= 1000mA*
IF= 1500mA*
IF= 500mA, Tamb=100° C*
Reverse Current
IR
15
40
µA
VR=30V
Diode Capacitance
CD
20
pF
f= 1MHz,VR= 25V
Reverse Recovery
Time
trr
10
ns
switched from
IF = 500mA to IR = 500mA
Measured at IR = 50mA
*Measured under pulsed conditions. Pulse width= 300
µs; duty cycle ≤2%.
ZHCS500
1
3
C
1
A
3
2
SOT23


Similar Part No. - ZHCS500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZHCS500 ZETEX-ZHCS500 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
logo
Diodes Incorporated
ZHCS500 DIODES-ZHCS500 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
ZHCS500 DIODES-ZHCS500 Datasheet
438Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results

Similar Description - ZHCS500

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4008 MAXIM-MAX4008 Datasheet
302Kb / 9P
High-Accuracy, 76V, High-Side Current Monitors in SOT23
Rev 1; 5/03
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
FMMTL619 DIODES-FMMTL619 Datasheet
84Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN
NOVEMBER 2005
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
SEPTEMBER 1997
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
OCTOBER 1997
ZHCS756 DIODES-ZHCS756 Datasheet
173Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
NOVEMBER 1997
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
OCTOBER 1997
logo
Fairchild Semiconductor
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com