Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2002 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZLNB2002
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2002 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZLNB2002 Datasheet HTML 2Page - Diodes Incorporated ZLNB2002 Datasheet HTML 3Page - Diodes Incorporated ZLNB2002 Datasheet HTML 4Page - Diodes Incorporated ZLNB2002 Datasheet HTML 5Page - Diodes Incorporated ZLNB2002 Datasheet HTML 6Page - Diodes Incorporated ZLNB2002 Datasheet HTML 7Page - Diodes Incorporated ZLNB2002 Datasheet HTML 8Page - Diodes Incorporated ZLNB2002 Datasheet HTML 9Page - Diodes Incorporated ZLNB2002 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
The following block diagram shows a typical
block diagram twin universal LNB design.
The ZLNB200X devices provides the two
polarity and two tone switches required to
decode the two independent receiver feeds.
The devices are also able detect the absence
of a receiver connected to either port of the
LNB providing an Enable signal allowing the
disabling of the port. This allows the
avoidance of unwanted signal reflections
from an unterminated down feed cable.
Additionally the front end bias requirements
of the LNB are provided by the ZNBG4000 or
ZNBG6000 offering a very efficient and cost
effective solution.
Bias Generator
ZNBG40XX
Series
ZLNB20XX Series
Dual H/V Switch
&
22kHz Switch
Vertical
Antenna
Horizontal
Antenna
Gain Stage
GaAs/HEMTFET
Gain Stage
GaAs/HEMTFET
1
4
2
IF down feed
950-1750 MHz
- Standard Band
950-2050 MHz
- Enhanced Band
H/V Output 2
H/V Output 1
3
Control Input
<=13V-Horizontal
>=14.5V-Vertical
Control
High Band
Horizontal
Low Band
Horizontal
High Band
Vertical
Low Band
Vertical
PIN
Diode
MUX
DC Input
13-25V
ASTRA
10.95 GHz-11.7 GHz
Standard Band
10.7 GHz-11.8 GHz
Enhanced Band
+
+
Mixer
+
+
Mixer
Low Band
Low Band
High Band
High Band
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com