Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2002 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZLNB2002
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2002 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZLNB2002 Datasheet HTML 1Page - Diodes Incorporated ZLNB2002 Datasheet HTML 2Page - Diodes Incorporated ZLNB2002 Datasheet HTML 3Page - Diodes Incorporated ZLNB2002 Datasheet HTML 4Page - Diodes Incorporated ZLNB2002 Datasheet HTML 5Page - Diodes Incorporated ZLNB2002 Datasheet HTML 6Page - Diodes Incorporated ZLNB2002 Datasheet HTML 7Page - Diodes Incorporated ZLNB2002 Datasheet HTML 8Page - Diodes Incorporated ZLNB2002 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 12V
Supply Current
100mA
VPOL1 and VPOL2
Input Voltage
25V Continuous
Operating Temperature
-40 to 70°C
Storage Temperature
-40 to 85°
Power Dissipation (Tamb
= 25°C)
QSOP16
500mW
82
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
Tamb= 25°C,VCC=5V,ID=10mA (RCAL1=33kΩ)
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
Min
Typ
Max
VCC
Supply Voltage
5
10
V
ICC
Supply Current IHVout1,2=ITout1,2=0
ITout1,2=0,IHVout1,2=10mA,
VPOL=15.5V
5.5
26
12
32
mA
mA
VPOL1 and VPOL2 Inputs
IPOL
Current
VPOL1 = VPOL2 = 25V (Note 2)
10
25
40
µA
VTPOL
Threshold
Voltage
Tamb=-40°C to 70°C (Note 2)
14.0
14.75
15.5
V
TSPOL
Switching
Speed
100
µs
IHVout1 and IHVout2 Outputs
VHVHIGH Voltage High
IHVout1,2=-20µA,VPOL1,2 = 15.5V
VCC-0.2 VCC-0.1 VCC
V
VHVHIGH Voltage High
IHVout1,2=-10
µA,VPOL1,2 = 15.5V VCC-1.0 VCC-0.9 VCC
V
VHVLOW Voltage Low
IHVout1,2=-10µA,VPOL1,2 = 14V
0
0.29
0.5
V
Enable 1,2
Outputs
VENHIGH Voltage High
IEnable1,2=-100
µA,VPOL1,2 = 10V VCC-1.0 VCC-0.75 VCC
V
VENHIGH Voltage High
IEnable1,2=20
µA,VPOL1,2 = 8.0V
00.14
VCC
V
VENLOW Voltage Low
IEnable1,2=500
µA,VPOL1,2 =8.0V 0
0.25
0.5
V
Filter Amplifier
IB
Input Bias
Current
RF1=150k
0.02
0.07
0.25
µA
Vout
Vout (Note 1)
RF1=150k
1.75
1.95
2.15
V
Iout
Iout (Note 1)
Vout=1.96V, Vfin=2.1V
400
520
650
µA
GV
Voltage Gain
F=22kHz, Vin=1mV
0
46
dB
Rectifier (ZLNB2003 and ZLNB2004 ONLY)
VREC
Vout (Note 1)
RF1=150k, IL=10
µA
1.8
2.0
2.2
V
ILeakage
RF1=150k, Vout=3V (Note 1)
20
200
nA
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com