Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2002 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLNB2002
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2002 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLNB2002 Datasheet HTML 1Page - Diodes Incorporated ZLNB2002 Datasheet HTML 2Page - Diodes Incorporated ZLNB2002 Datasheet HTML 3Page - Diodes Incorporated ZLNB2002 Datasheet HTML 4Page - Diodes Incorporated ZLNB2002 Datasheet HTML 5Page - Diodes Incorporated ZLNB2002 Datasheet HTML 6Page - Diodes Incorporated ZLNB2002 Datasheet HTML 7Page - Diodes Incorporated ZLNB2002 Datasheet HTML 8Page - Diodes Incorporated ZLNB2002 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SYMBOL PARAMETER
LIMITS
UNITS
Min
Typ
Max
Comparator (ZLNB2003 and ZLNB2004 ONLY)
VTH
Threshold
(Note 1)
F=0
2.95
3.2
3.45
V
VVHIGH
VVHIGH
VVLOW
Tout 1/2
Outputs
Voltage High
Voltage High
Voltage Low
ITout1,2=-20
µA, Test Circuit 1,
Tone enabled
ITout1,2=-10mA, Test Circuit 1,
Tone enabled
ITout1,2=10mA, Test Circuit 1,
Tone disabled
VCC-0.2
VCC-1.0
0
VCC-0.1
VCC-0.9
0.29
VCC
VCC
0.5
V
V
V
Note:-
1) The parameters Filter Amplifier Vout, Iout, Rectifier Vout and Comparator Threshold Voltage
are all directly (linearly) related to Vcc.
2) Applied via 10k resistors
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
Tamb= 25°C,VCC=5V,ID=10mA (RCAL1=33kΩ)
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com