Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2002 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZLNB2002
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2002 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZLNB2002 Datasheet HTML 4Page - Diodes Incorporated ZLNB2002 Datasheet HTML 5Page - Diodes Incorporated ZLNB2002 Datasheet HTML 6Page - Diodes Incorporated ZLNB2002 Datasheet HTML 7Page - Diodes Incorporated ZLNB2002 Datasheet HTML 8Page - Diodes Incorporated ZLNB2002 Datasheet HTML 9Page - Diodes Incorporated ZLNB2002 Datasheet HTML 10Page - Diodes Incorporated ZLNB2002 Datasheet HTML 11Page - Diodes Incorporated ZLNB2002 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FURTHER INFORMATION
1) Inputs VPOL1 and VPOL2 are designed to be
wired to the power inputs of an LNB via
high value (10k) resistors. Input VPOL1
controls outputs HVout1 and Enable1.
Input VPOL2 controls outputs HVout2 and
Enable2. With either input voltage set at
or below 14V, the corresponding HVout
pin will be in active. With either input
v o l t age at or above 15. 5V , the
corresponding HVout pin will be active.
Should the voltage applied to either VPOL
input fall below 8V, the corresponding
Enable pin will be low, otherwise these
outputs will be high.Any input or output
not required may be left open-circuit.
2) The ZLNB2001/2 includes the circuitry
necessary to detect the presence of 22kHz
tones modulated on either of two supply
inputs to the lnb. The main elements of
the detectors in each channel are an
op-amp enabling the construction of a
Sallen Key filter, a rectifier/smoother and
a comparator. Full user control is given
over the centre frequency and bandwidth
of the filter using two external resistors
and capacitors (one of these resistors
shares the function of overvoltage
protection of the corresponding VPOL pin,
i.e. the 10k referenced in note 1). The
comparator circuit utilises no external
components. The presence of a 22kHz
tone applied to pin Fin1 or Fin2 switches
the corresponding output Tout1 or Tout2
high.
3) The ZLNB2003 / 4 includes the circuitry
necessary to detect the presence of 22kHz
tones modulated on either of two supply
inputs to the LNB. The main elements of
the detectors in each channel are an
op-amp enabling the construction of a
Sallen Key filter, a rectifier/smoother and
a comparator. Full user control is given
over the centre frequency and bandwidth
of the filter using two external resistors
and capacitors (one of these resistors
shares the function of overvoltage
protection of the corresponding Vpol pin,
i.e. the 10k referenced in note 1). The
comparator circuit utilises no external
components. The presence of a 22kHz
tone applied to pin Fin1 or Fin2 switches
the corresponding output Tout1 or Tout2
hi gh. Pins Crec1 and Crec2 make
accessible the outputs of the tone switch
rectifiers and provides a means of
c ont rolling
t one
s w it c h
delays .
Significant switching delays may be
necessary to avoid incorrect operation in
the presence of unwanted interference
(e.g. switching tones intended for other
s i gnalling s y s t ems ) . For c orrec t
operation of the IC, a capacitor and a
parallel connected resistor should be
connected between each Crec pin and
ground. The Tout low to high delays are
set solely by the added capacitors at
approximately 22ms/uF. The high to low
delays are set by the time constant of
each resistor capacitor combination at
a pproxi matel y 0. 2C R second s. A
capacitor of 100nF and resistor of 1MW
will give a low to high delay of around
2.2ms and a high to low delay of 20ms,
providing immunity to the 60Hz square
wave signal occasionally used for
switching between multiple LNB units.
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com