Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1021 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCT1021
Description  Low offset high-side current monitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1021 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXCT1021 Datasheet HTML 1Page - Diodes Incorporated ZXCT1021 Datasheet HTML 2Page - Diodes Incorporated ZXCT1021 Datasheet HTML 3Page - Diodes Incorporated ZXCT1021 Datasheet HTML 4Page - Diodes Incorporated ZXCT1021 Datasheet HTML 5Page - Diodes Incorporated ZXCT1021 Datasheet HTML 6Page - Diodes Incorporated ZXCT1021 Datasheet HTML 7Page - Diodes Incorporated ZXCT1021 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXCT1021
Issue 9 - July 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Application information
The ZXCT1021 has a fixed dc voltage gain of 100. No external scaling resistors are required for
the output. Output voltage is simply defined as:
VOUT = 10 x VSENSE (V)
Where VSENSE = VIN - VLOAD
PCB trace shunt resistor for low cost solution
Figure 1 shows a PCB layout suggestion for a low cost solution where a PCB resistive trace in
replacement for a conventional shunt resistor, can be used. The resistor section is 25mm x
0.25mm giving approximately 150m
using 1 oz copper. Smaller resistances can be used if
required.
Total circuit solution: 1 component. Shows area of 150m
sense resistor compared to SOT23 package.
Practical tolerance of the PCB resistor will be around 5%
depending on manufacturing methods.
VIN
VOUT
GND
Figure 1 PCB layout suggestion
Load
ZXCT1021/2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com